Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC2074 Datasheet(PDF) 21 Page - SMSC Corporation

Part # TMC2074
Description  Dual Mode CircLink??Controller
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

TMC2074 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button TMC2074 Datasheet HTML 17Page - SMSC Corporation TMC2074 Datasheet HTML 18Page - SMSC Corporation TMC2074 Datasheet HTML 19Page - SMSC Corporation TMC2074 Datasheet HTML 20Page - SMSC Corporation TMC2074 Datasheet HTML 21Page - SMSC Corporation TMC2074 Datasheet HTML 22Page - SMSC Corporation TMC2074 Datasheet HTML 23Page - SMSC Corporation TMC2074 Datasheet HTML 24Page - SMSC Corporation TMC2074 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 116 page
background image
Dual Mode CircLink™ Controller
Datasheet
SMSC TMC2074
Page 21
Revision 0.1 (03-29-06)
DATASHEET
1.6.8
Page Size Selection
(PS[1:0]: Pin/Register)
Select page size per packet. The maximum number of nodes depends on the page size selection since the
packet buffer size is limited to 1 kByte. Page size can be selected by settings using register bits INIMODE
(bit 9); 0: selects pin, 1: selects register (The default is 0).
PS[1:0]
Page Size
Max Node Number
00
256 Byte
3 Node
01
128 Byte
7 Node
10
64 Byte
15 Node
11
32 Byte
31 Node
1.6.9
Maximum Node (MAXID) Number Setup
(MAXID[4:0]: Pin/Register)
The maximum node ID is set based on the number of nodes on the network. All nodes in each CircLink
network, therefore, should have the same maximum node ID. This minimizes the time required to
reconfigure the network. There are two methods to specify the maximum node ID, Either through pin or
register settings depending on INIMODE (bit 9); 0: selects pin, 1: selects register (The default is 0). If the
nDIAG pin is set to L as the exception, however, the maximum node ID is automatically set to the largest
value. For more details, refer to section 2.11 - Diagnostic Mode.
1.6.10 Node ID Setup
(NID[4:0]: Pin/Register)
Set node ID. A unique number must be assigned to each node in the network with ascending order starting
from ID=01. ID = 00 and an ID larger than the maximum node ID are not valid. There are two methods to
assign the node ID, either through pin or register, settings depending on INIMODE (bit 7) 0: selects pin, 1:
select register (default is 0).
MAXID[4:0] determines the maximum node ID value. The token will be passed only around the nodes
whose IDs are equal to or less than the maximum ID value. . In the CircLink network, a node whose
MAXID[4:0] and NID[4:0] matches is the node initiating the token passing.. Even if this particular node is
absent from the network, the network reconfiguration time is greatly reduced because the network will be
only reconfigured by the nodes with IDs less than MAXID[4:0]. Since the maximum number of nodes is
fixed to MAXID[4:0] in a CircLink network, the original priority timer of ARCNET, (255 – ID) x 146
μs*,
which determines the time required for network reconfiguration, is modified to (MAXID[4:0]-ID) x 146
μs,
greatly reducing network reconfiguration time. Refer to section 2.4.2 - Reduction of Network
Reconfiguration Time for more details.
* 146
μs is defined under operation at 2.5 Mbps based on ARCNET protocol. That number is half at 5
Mbps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com