Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMC20073 Datasheet (PDF) - SMSC Corporation

TMC20073 Datasheet PDF - SMSC Corporation
Part # TMC20073
Download  TMC20073 Download
File Size   143.47 Kbytes
Page   4 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description CIRCLINK COMMUNICATIONS CONTROLLER LSI

TMC20073 Datasheet (PDF)

Go To PDF Page Download Datasheet
TMC20073 Datasheet PDF - SMSC Corporation

Part # TMC20073
Download  TMC20073 Click to download

File Size   143.47 Kbytes
Page   4 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description CIRCLINK COMMUNICATIONS CONTROLLER LSI

TMC20073 Datasheet (HTML) - SMSC Corporation


TMC20073 Product details

Product Features

■ 3.3V (3.0 to 3.6V) Power Supply Voltage (Vdd)

■ 128 Pin TQFP Package (14x14, 0.4 pitch)

■ Supports 8/16-Bit Data Bus (Selectable)

■ Full 1K On-Chip Dual-Port Buffer RAM

■ Supports Sequential I/O Mapped Access to Internal RAM Buffer

■ Supports up to 31 Nodes

■ Low Power CMOS, 3.3V Operation with 5V Tolerance

■ Cabling Options

— Fiber Optics, RS485 Twisted Pair

■ High Speed: Up to 5 Mbps

■ Include 3 Port HUB

■ Can operate with or without CPU

— With CPU: Support interface to multiple CPU’s

    – Intel (80XX) and Motorola (68XXX)

— Without CPU: Support general purpose I/O ports

    – 16 bit input and 16 bit output

■ Support multi-topology

— Bus, Star and Mixed type

■ Temperature Range from -20° to 85°




Similar Part No. - TMC20073

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMC200 TRUMPOWER-TMC200 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC200-S12 TRUMPOWER-TMC200-S12 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC200-S15 TRUMPOWER-TMC200-S15 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC200-S18 TRUMPOWER-TMC200-S18 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
TMC200-S24 TRUMPOWER-TMC200-S24 Datasheet
165Kb / 2P
200 Watts AC/DC Medical & ITE Power Supplies
More results


Similar Description - TMC20073

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6355 OKI-MSM6355 Datasheet
706Kb / 36P
LCD CONTROLLER LSI
logo
Advanced Micro Devices
AM8530H AMD-AM8530H Datasheet
797Kb / 194P
Serial Communications Controller
logo
InnovASIC, Inc
IA8044 INNOVASIC-IA8044 Datasheet
220Kb / 49P
SDLC COMMUNICATIONS CONTROLLER
IA80C152 INNOVASIC-IA80C152 Datasheet
232Kb / 32P
UNIVERSAL COMMUNICATIONS CONTROLLER
logo
SMSC Corporation
IRCC SMSC-IRCC Datasheet
434Kb / 79P
INFRARED COMMUNICATIONS CONTROLLER
TMC2084 SMSC-TMC2084 Datasheet
814Kb / 74P
Standalone Mode CircLink Controller
TMC2074 SMSC-TMC2074 Datasheet
687Kb / 116P
Dual Mode CircLink??Controller
TMC2072 SMSC-TMC2072 Datasheet
640Kb / 106P
Peripheral Mode CircLink TM Controller
IRCC2.0 SMSC-IRCC2.0 Datasheet
510Kb / 87P
Infrared Communications Controller
TMC2072 SMSC-TMC2072_07 Datasheet
652Kb / 106P
Peripheral Mode CircLink??Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com