Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L6730CQTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L6730CQTR Datasheet HTML 9Page - STMicroelectronics L6730CQTR Datasheet HTML 10Page - STMicroelectronics L6730CQTR Datasheet HTML 11Page - STMicroelectronics L6730CQTR Datasheet HTML 12Page - STMicroelectronics L6730CQTR Datasheet HTML 13Page - STMicroelectronics L6730CQTR Datasheet HTML 14Page - STMicroelectronics L6730CQTR Datasheet HTML 15Page - STMicroelectronics L6730CQTR Datasheet HTML 16Page - STMicroelectronics L6730CQTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
L6730C - L6730D
Device description
13/50
5
Device description
5.1
Oscillator
The switching frequency is internally fixed to 400KHz. The internal oscillator generates the
triangular waveform for the PWM charging and discharging an internal capacitor (FSW =
400KHz). This current can be varied using an external resistor (RT) connected between OSC
pin and GND or VCCDR in order to change the switching frequency. Since the OSC pin is
maintained at fixed voltage (typ. 1.2V), the frequency is increased (decreased) proportionally to
the current sunk (sourced) from (into) the pin. In particular, connecting RT versus GND the
frequency is increased (current is sunk from the pin), according to the following relationship:
Connecting RT to VCCDR the frequency is reduced (current is sourced into the pin), according to
the following relationship:
Switching frequency variation vs. RT is shown in Figure 3..
Figure 3.
Switching frequency variation versus RT.
)
(
10
88
.
9
400
6
Ω
⋅
+
=
K
R
KHz
Fsw
OSC
(1)
)
(
10
01
.
3
400
7
Ω
⋅
−
=
K
R
KHz
Fsw
OSC
(2)
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
0
100
200 300
400 500 600
700 800
900 1000
Rosc (KOHM)
Rosc connected to GND
Rosc connected to Vccdr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com