Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730CQTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L6730CQTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730CQTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L6730CQTR Datasheet HTML 17Page - STMicroelectronics L6730CQTR Datasheet HTML 18Page - STMicroelectronics L6730CQTR Datasheet HTML 19Page - STMicroelectronics L6730CQTR Datasheet HTML 20Page - STMicroelectronics L6730CQTR Datasheet HTML 21Page - STMicroelectronics L6730CQTR Datasheet HTML 22Page - STMicroelectronics L6730CQTR Datasheet HTML 23Page - STMicroelectronics L6730CQTR Datasheet HTML 24Page - STMicroelectronics L6730CQTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
L6730C - L6730D
Device description
21/50
It must be taken into account that there is an electrical network between the output terminal and
the FB pin and therefore the voltage at this pin is not a perfect replica of the output voltage. If
the converter can sink current, in the most of cases the low-side will be turned-on before the
output voltage exceeds the over-voltage threshold, because the error amplifier will throw off
balance in advance. Even if the device doesn’t report an over-voltage, the behaviour is the
same, because the low-side is turned-on immediately. Instead, if the sink-mode is disabled, the
low-side will be turned-on only when the over-voltage-protection (OVP) operates and not
before, because the current can’t be reversed. In this case a delay between the output voltage
rising and the FB voltage rising can appear and the OVP can operate on late. The following two
figures show an over-voltage event in case of sink enabled and disabled. The output voltage
rises with a slope of 100mV/µs, emulating in this way the breaking of the high-side MOSFET as
an over-voltage cause.
Figure 13. OVP latched
Figure 14. OVP with sink enabled: the low-side MOSFET is turned-on in advance.
LGate
OSC
FB
VOUT
109%
VFB
LGate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com