Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730DTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6730DTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730DTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6730DTR Datasheet HTML 6Page - STMicroelectronics L6730DTR Datasheet HTML 7Page - STMicroelectronics L6730DTR Datasheet HTML 8Page - STMicroelectronics L6730DTR Datasheet HTML 9Page - STMicroelectronics L6730DTR Datasheet HTML 10Page - STMicroelectronics L6730DTR Datasheet HTML 11Page - STMicroelectronics L6730DTR Datasheet HTML 12Page - STMicroelectronics L6730DTR Datasheet HTML 13Page - STMicroelectronics L6730DTR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
L6730C - L6730D
Electrical characteristics
10/50
4
Electrical characteristics
VCC = 12V, TA = 25°C unless otherwise specified
Table 4.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCC supply current
ICC
VCC Stand By current
OSC = open; SS to GND
4.5
6.5
mA
VCC quiescent current
OSC= open;
HG = open, LG = open, PH=open
8.5
10
Power-ON
5V BUS
Turn-ON VCC threshold
VOCH = 1.7V
4.0
4.2
4.4
V
Turn-OFF VCC threshold
VOCH = 1.7V
3.6
3.8
4.0
12V BUS
Turn-ON VCC threshold
VOCH = 1.7V
8.3
8.6
8.9
Turn-OFF VCC threshold
VOCH = 1.7V
7.4
7.7
8.0
VIN OK
Turn-ON VOCH threshold
1.1
1.25
1.47
Turn-OFF VOCH threshold
0.9
1.05
1.27
VCCDR Regulation
VCCDR voltage
VCC =5.5V to 14V
IDR = 1mA to 100mA
4.555.5
V
Soft Start and Inhibit
ISS
Soft Start Current
SS = 2V
7
10
13
µA
SS = 0 to 0.5V
20
30
45
Oscillator
fOSC
Initial Accuracy
OSC = OPEN
380
400
420
KHz
fOSC,RT
Total Accuracy
RT = 390K
Ω to VCCDR
RT = 18K
Ω to GND
-15
15
%
∆VOSC
Ramp Amplitude
2.1
V
Output Voltage (1.2V MODE)
VFB
Output Voltage
1.190
1.2
1.208
V
Output Voltage (0.6 MODE)
VFB
Output Voltage
0.597
0.6
0.603
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com