Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6730DTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L6730DTR
Description  Adjustable step-down controller with synchronous rectification
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6730DTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L6730DTR Datasheet HTML 26Page - STMicroelectronics L6730DTR Datasheet HTML 27Page - STMicroelectronics L6730DTR Datasheet HTML 28Page - STMicroelectronics L6730DTR Datasheet HTML 29Page - STMicroelectronics L6730DTR Datasheet HTML 30Page - STMicroelectronics L6730DTR Datasheet HTML 31Page - STMicroelectronics L6730DTR Datasheet HTML 32Page - STMicroelectronics L6730DTR Datasheet HTML 33Page - STMicroelectronics L6730DTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 50 page
background image
Application details
L6730C - L6730D
30/50
6
Application details
6.1
Inductor design
The inductance value is defined by a compromise between the transient response time, the
efficiency, the cost and the size. The inductor has to be calculated to maintain the ripple current
(∆IL) between 20% and 30% of the maximum output current. The inductance value can be
calculated with the following relationship:
Where FSW is the switching frequency, VIN is the input voltage and VOUT is the output voltage.
Figure 25. shows the ripple current vs. the output voltage for different values of the inductor,
with Vin = 5V and Vin = 12V at a switching frequency of 400KHz.
Increasing the value of the inductance reduces the current ripple but, at the same time,
increases the converter response time to a load transient. If the compensation network is well
designed, during a load transient the device is able to set the duty cycle to 100% or to 0%.
When one of these conditions is reached, the response time is limited by the time required to
change the inductor current. During this time the output current is supplied by the output
capacitors. Minimizing the response time can minimize the output capacitor size.
Figure 25. Inductor current ripple.
Vin
Vout
I
Fsw
Vout
Vin
L
L
⋅
∆
⋅
−
≅
(6)
0
1
2
3
4
5
6
7
8
01
2
3
4
OUT P UT V O LT AG E (V )
V in = 5 V , L= 5 0 0 n H
V in = 5 V , L = 1 . 5 u H
V in = 1 2 V , L = 2 u H
V in = 1 2 V , L = 1 u H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com