Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30102 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD30102
Description  MOS INTEGRATED CIRCUIT
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD30102 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD30102 Datasheet HTML 9Page - Renesas Technology Corp UPD30102 Datasheet HTML 10Page - Renesas Technology Corp UPD30102 Datasheet HTML 11Page - Renesas Technology Corp UPD30102 Datasheet HTML 12Page - Renesas Technology Corp UPD30102 Datasheet HTML 13Page - Renesas Technology Corp UPD30102 Datasheet HTML 14Page - Renesas Technology Corp UPD30102 Datasheet HTML 15Page - Renesas Technology Corp UPD30102 Datasheet HTML 16Page - Renesas Technology Corp UPD30102 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
µPD30102
11
Preliminary Data Sheet
1. PIN FUNCTIONS
Remark # indicates active low.
1.1 Pin Functions
(1) System bus interface signals
(1/2)
Signal Name
I/O
Function
ADD (0:25)
O
This is a 25-bit address bus. Used to specify addresses of the VR4102, DRAM, ROM,
LCD, and system bus (ISA).
DATA (0:15)
I/O
This is a 16-bit data bus. Used to transfer data from the VR4102 to DRAM, ROM, LCD,
and system bus, and vice versa.
DATA (16:31)/
I/O
This function differs depending on how the DBUS32 pin is set.
GPIO (16:31)
<When DBUS32 = 1>
It is the high-order 16 bits of the 32-bit data bus.
This bus is used for transmitting and receiving data between the VR4102 and the DRAM
and ROM.
<When DBUS32 = 0>
It is a general-purpose I/O (GPIO) port.
LCDCS#
O
This is the LCD chip select signal. This signal is active when the VR4102 is performing
LCD access using the ADD/DATA bus.
RD#
O
Active when the VR4102 is reading data from the LCD, RAM, or ROM.
WR#
O
Active when the VR4102 is writing data to the LCD, RAM, or ROM.
LCDRDY
I
This is the LCD ready signal. Set this signal as active when the LCD controller is ready
to be accessed from the VR4102.
ROMCS (0:3)#
O
This is the ROM chip select signal. It is used to select a ROM to be accessed from
among up to four connected ROM units.
UUCAS#/
O
This function differs depending on how the DBUS32 pin is set.
MRAS3#
<When DBUS32 = 1>
UUCAS#
This signal is active when a valid column address is output via the ADD bus during
access of DATA (24:31) in the 32-bit data bus.
<When DBUS32 = 0>
MRAS3#
This is the DRAM’s RAS signal. Up to four DRAM units can be connected, and this
signal is active when a valid row address is output via the ADD bus for the DRAM
connected to the high-order address.
ULCAS#/
O
This function differs depending on how the DBUS32 pin is set.
MRAS2#
<When DBUS32 = 1>
ULCAS#
This signal is active when a valid column address is output via the ADD bus during
access of DATA (16:23) in the 32-bit data bus.
<When DBUS32 = 0>
MRAS2#
This is the DRAM’s RAS signal. This signal is active when a valid row address is output
via the ADD bus for the DRAM connected to the next-highest address after the highest
high-order address.
MRAS (0:1)#
O
This is the DRAM’s RAS-only signal.
UCAS#
O
This is the DRAM’s CAS signal. This signal is active when a valid column address
is output via the ADD bus during access of DATA (8:15) in the DRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com