Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD30102 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # UPD30102
Description  MOS INTEGRATED CIRCUIT
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD30102 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button UPD30102 Datasheet HTML 17Page - Renesas Technology Corp UPD30102 Datasheet HTML 18Page - Renesas Technology Corp UPD30102 Datasheet HTML 19Page - Renesas Technology Corp UPD30102 Datasheet HTML 20Page - Renesas Technology Corp UPD30102 Datasheet HTML 21Page - Renesas Technology Corp UPD30102 Datasheet HTML 22Page - Renesas Technology Corp UPD30102 Datasheet HTML 23Page - Renesas Technology Corp UPD30102 Datasheet HTML 24Page - Renesas Technology Corp UPD30102 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
µPD30102
19
Preliminary Data Sheet
(2/3)
After Reset
During
In Hibernate
Signal Name
After Reset
Deadman’s
Suspend
Mode or on
During Bus
Internal
External
Drivability
by RTCRST SW or
Mode
Shutdown by Hold
Process
Process
by RSTSW
HAL Timer
HIDREQ#
—————
Note 1
Note 2
—
HLDACK#
Hi-Z
1
Note 3
Hi-Z
Note 3
—
—
40 pF
RTCX1
——————
Oscillator
—
RTCX2
——————
Oscillator
—
CLKX1
——————
Oscillator
—
CLKX2
——————
Oscillator
—
FIRCLK
——————
Note 4
—
BATTINH/
—————
Schmitt-
——
BATTINT#
triggered input
MPOWER
01101
—
—
40 pF
POWERON
00000
—
—
40 pF
POWER
—————
Schmitt-
——
triggered input
RSTSW#
—————
Schmitt-
——
triggered input
RTCRST#
—————
Schmitt-
——
triggered input
RxD
————————
TxD/CLKSEL2
Hi-Z
1
1
1
Note 3
—
Pull-up/
40 pF
pull-down
RTS#/CLKSEL1
Hi-Z
1
1
1
Note 3
—
Pull-up/
40 pF
pull-down
CTS#
————————
DCD#/GPIO15
——————
Pull-up
—
DTR#/CLKSEL0
Hi-Z
1
1
1
Note 3
—
Pull-up/
40 pF
pull-down
DSR#
————————
IRDIN
——————
Pull-up
—
IRDOUT#
0000
Note 3
—
—
40 pF
FIRDIN#/SEL
Hi-Z
Hi-Z
Note 5
Hi-Z
Note 5
—
Pull-up/
40 pF
pull-down
DDIN/
Hi-Z/
Hi-Z/
Hi-Z/
Hi-Z/
Hi-Z/
—
—
40 pF
GPIO45Note 6
Hi-Z
Hi-Z
Note 5
Hi-Z
Note 5
DDOUT/
11111
—
—
40 pF
GPIO44Note 6
DRTS#/
11111
—
—
40 pF
GPIO46Note 6
DCTS#/
Hi-Z/
Hi-Z/
Hi-Z/
Hi-Z/
Hi-Z/
—
—
40 pF
GPIO47Note 6
Hi-Z
Hi-Z
Note 5
Hi-Z
Note 5
Notes 1. The previous “Full Speed Mode” state is retained.
2. When using the bus hold function, be sure to pull up this pin.
3. Reset by RSTSW# signal: This pin outputs low level (self-refresh function).
Reset by deadman’s switch: This pin outputs high level.
4. Bus hold from suspend mode: Outputs low level.
Bus hold from full speed mode or standby mode: Outputs clocks.
5. Intermediate-level input is enabled when the MPOWER pin is set for low-level output.
6. Normal operation is performed.
Remarks
0: Low-level output, 1: High-level output, Hi-Z: High impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com