Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD70732 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD70732
Description  MOS Integrated Circuit
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD70732 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD70732 Datasheet HTML 35Page - Renesas Technology Corp UPD70732 Datasheet HTML 36Page - Renesas Technology Corp UPD70732 Datasheet HTML 37Page - Renesas Technology Corp UPD70732 Datasheet HTML 38Page - Renesas Technology Corp UPD70732 Datasheet HTML 39Page - Renesas Technology Corp UPD70732 Datasheet HTML 40Page - Renesas Technology Corp UPD70732 Datasheet HTML 41Page - Renesas Technology Corp UPD70732 Datasheet HTML 42Page - Renesas Technology Corp UPD70732 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
37
µPD70732
10.
ELECTRICAL SPECIFICATIONS
Supported Electrical Specifications
Operating Supply
Operating Ambient
µPD70732-16
µPD70732-20
µPD70732-25
Voltage
Temperature (TA)
120-pin Plastic QFP
120-pin Plastic TQFP 176-pin Ceramic PGA
VDD = +5 V
± 10%
–10 to +70˚C
(16 MHz)
(20 MHz)
(25 MHz)
(25 MHz)
(25 MHz)
–40 to +85˚C
——
(20 MHz)
(20 MHz)
—
VDD = 2.7 to 3.6 V
–40 to +85˚C
——
(16 MHz)
(16 MHz)
—
VDD = 2.2 to 3.6 V
–40 to +85˚C
——
(10 MHz)
(10 MHz)
—
Remarks
1.
: with electrical specifications
— : without electrical specifications
2. ( ) : maximum operating frequency
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com