Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2507 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2507
Description  Integrated USB 2.0 Compatible 7-Port Hub
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2507 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2507 Datasheet HTML 9Page - SMSC Corporation USB2507 Datasheet HTML 10Page - SMSC Corporation USB2507 Datasheet HTML 11Page - SMSC Corporation USB2507 Datasheet HTML 12Page - SMSC Corporation USB2507 Datasheet HTML 13Page - SMSC Corporation USB2507 Datasheet HTML 14Page - SMSC Corporation USB2507 Datasheet HTML 15Page - SMSC Corporation USB2507 Datasheet HTML 16Page - SMSC Corporation USB2507 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Integrated USB 2.0 Compatible 7-Port Hub
Datasheet
SMSC USB2507
13
Revision 2.1 (12-06-06)
DATASHEET
Analog Test
&
Internal 1.8V
voltage
regulator
enable
ATEST/
REG_EN
AIO
This signal is used for testing the analog section of the
chip, and to enable or disable the internal 1.8v regulator.
This pin must be connected to VDDA33 to enable the
internal 1.8V regulator, or to VSS to disable the internal
regulator.
When the internal regulator is enabled, the 1.8V power
pins must be left unconnected, except for the required
bypass capacitors.When the PHY is in test mode, the
internal regulator is disabled and the ATEST pin
functions as a test pin.
Table 4.4 Power, Ground, and No Connect
NAME
SYMBOL
TYPE
FUNCTION
VDDCORE3P3
VDD33CR
+3.3V I/O Power.
If the internal core 1.8V regulator is enabled, then this pin
acts as the regulator input
VDD1P8
VDD18
+1.8V core power.
If the internal regulator is enabled, then VDD18 pin 50
must have a 4.7
μF (or greater) ±20% (ESR <0.1Ω)
capacitor to VSS
VDDAPLL3P3
VDDA33PLL
+3.3V Filtered analog power for the internal PLL
If the internal PLL 1.8V regulator is enabled, then this pin
acts as the regulator input
VDDAPLL1P8
VDDA18PLL
+1.8V Filtered analog power for internal PLL.
If the internal regulator is enabled, then this pin must
have a 4.7
μF (or greater) ±20% (ESR <0.1Ω) capacitor
to VSS
VDDIO3P3
VDD33
+3.3V I/O power.
VDDA3P3
VDDA33
+3.3V Filtered analog power.
VSS
VSS
Ground.
Table 4.5 Buffer Type Descriptions
BUFFER
DESCRIPTION
I
Input.
IPD
Input, with a weak Internal pull-down.
IPU
Input, with a weak Internal pull-up.
IS
Input with Schmitt trigger.
O12
Output 12mA.
Table 4.3 Miscellaneous Pins (continued)
NAME
SYMBOL
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com