Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2502 Datasheet(PDF) 13 Page - SMSC Corporation

Part # USB2502
Description  2-Port USB 2.0 Hub Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2502 Datasheet(HTML) 13 Page - SMSC Corporation

Back Button USB2502 Datasheet HTML 9Page - SMSC Corporation USB2502 Datasheet HTML 10Page - SMSC Corporation USB2502 Datasheet HTML 11Page - SMSC Corporation USB2502 Datasheet HTML 12Page - SMSC Corporation USB2502 Datasheet HTML 13Page - SMSC Corporation USB2502 Datasheet HTML 14Page - SMSC Corporation USB2502 Datasheet HTML 15Page - SMSC Corporation USB2502 Datasheet HTML 16Page - SMSC Corporation USB2502 Datasheet HTML 17Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
2-Port USB 2.0 Hub Controller
Datasheet
SMSC USB2502
13
Revision 2.1 (12-06-06)
DATASHEET
SERIAL PORT INTERFACE
Serial Data/SMB
Data
SDA/SMBDATA
IOSD12
(Serial Data)/(SMB Data) signal.
Serial Clock/SMB
Clock
&
Config Select 0
SCL/SMBCLK/
CFG_SEL0
IOSD12
(Serial Clock)/(SMB Clock) signal. This multifunction pin is
read on the rising edge of RESET_N (see the applicable
RESET_N timing table in Section 5.6.1) and will determine
the hub configuration method as described in Table 4.2.
Configuration
Programming
Select
CFG_SEL1
I
This pin is read on the rising edge of RESET_N (see the
applicable RESET_N timing table in Section 5.6.1) and will
determine the hub configuration method as described in
Table 4.2.
Table 4.2 SMBus or EEPROM Interface Behavior
CFG_SEL1
CFG_SEL0
SMBus or EEPROM interface behavior.
00
Reserved
0
1
Configured as an SMBus slave for external download of user-
defined descriptors. SMBus slave address is 0101100
1
0
Internal Default Configuration via strapping options.
1
1
2-wire (I2C) EEPROMS are supported,
Table 4.3 Miscellaneous Pins
NAME
SYMBOL
TYPE
FUNCTION
Crystal
Input/External
Clock Input
XTAL1/
CLKIN
ICLKx
24MHz crystal or external clock input.
This pin connects to either one terminal of the crystal or
to an external 24MHz clock when a crystal is not used.
Crystal Output
XTAL2
OCLKx
24MHz Crystal
This is the other terminal of the crystal, or left
unconnected when an external clock source is used to
drive XTAL1/CLKIN. It must not be used to drive any
external circuitry other than the crystal circuit.
Clock Input
Enable
CLKIN_EN
I
Clock In Enable:
Low = XTAL1 and XTAL2 pins configured for use with
external crystal
High = XTAL1 pin configured as CLKIN, and must be
driven by an external CMOS clock.
RESET Input
RESET_N
IS
This active low signal is used by the system to reset the
chip. The minimum active low pulse is 1us.
Self-Power /
Bus-Power
Detect
SELF_PWR
I
Detects availability of local self-power source.
Low = Self/local power source is NOT available (i.e., Hub
gets all power from Upstream USB VBus).
High = Self/local power source is available.
TEST Pin
TEST
IPD
Used for testing the chip. User must treat as a no-
connect or connect to ground.
Table 4.1 2-Port Hub Pin Descriptions (continued)
NAME
SYMBOL
TYPE
FUNCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com