Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMGD780SN Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # PMGD780SN
Description  Dual N-channel μTrenchMOS standard level FET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD780SN Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  PMGD780SN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PMGD780SN_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 19 April 2010
3 of 14
NXP Semiconductors
PMGD780SN
Dual N-channel
μTrenchMOS standard level FET
Fig 1.
Normalized total power dissipation as a
function of solder point temperature
Fig 2.
Normalized continuous drain current as a
function of solder point temperature
Tsp =25 °C; IDM is single pulse; VGS =10 V
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
Tsp (°C)
0
200
150
50
100
03aa17
40
80
120
Pder
(%)
0
Tsp (°C)
0
200
150
50
100
03aa25
40
80
120
Ider
(%)
0
Pder
Ptot
P
tot 25 C
°
()
----------------------- 100%
×
=
Ider
ID
I
D25 C
°
()
------------------- 100%
×
=
03an22
10-3
10-2
10-1
1
10
10-1
1
10
102
VDS (V)
ID
(A)
DC
10 ms
Limit RDSon = VDS / ID
1 ms
tp = 10 μs
100 ms
100
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com