Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMGD780SN Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PMGD780SN
Description  Dual N-channel μTrenchMOS standard level FET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMGD780SN Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PMGD780SN Datasheet HTML 1Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMGD780SN Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1. Product profile
1.1 General description
Dual N-channel enhancement mode field-effect transistor in a small SOT363 (SC-88)
Surface-Mounted Device (SMD) plastic package using TrenchMOS technology.
1.2 Features and benefits
1.3 Applications
1.4 Quick reference data
2. Pinning information
PMGD780SN
Dual N-channel
μTrenchMOS standard level FET
Rev. 02 — 19 April 2010
Product data sheet
Surface-mounted package
Footprint 40 % smaller than SOT23
Standard level threshold voltage
Fast switching
Low on-state resistance
Dual device
Driver circuits
Switching in portable appliances
VDS ≤ 60 V
ID ≤ 0.49 A
Ptot ≤ 0.41 W
RDSon ≤ 920 mΩ
Table 1.
Pinning - SOT363 (SC-88), simplified outline and symbol
Pin
Description
Simplified outline
Graphic symbol
1
source1 (S1)
SOT363 (SC-88)
2
gate1 (G1)
3
drain2 (D2)
4
source2 (S2)
5
gate2 (G2)
6
drain1 (D1)
13
2
4
5
6
S1
D1
G1 S2
msd901
D2
G2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com