Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02-R Datasheet(PDF) 19 Page - STMicroelectronics

Part # M34C02-R
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-R Datasheet(HTML) 19 Page - STMicroelectronics

Back Button M34C02-R Datasheet HTML 15Page - STMicroelectronics M34C02-R Datasheet HTML 16Page - STMicroelectronics M34C02-R Datasheet HTML 17Page - STMicroelectronics M34C02-R Datasheet HTML 18Page - STMicroelectronics M34C02-R Datasheet HTML 19Page - STMicroelectronics M34C02-R Datasheet HTML 20Page - STMicroelectronics M34C02-R Datasheet HTML 21Page - STMicroelectronics M34C02-R Datasheet HTML 22Page - STMicroelectronics M34C02-R Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
Use within a DRAM DIMM
19/31
4
Use within a DRAM DIMM
In the application, the M34C02-W, M34C02-L and M34C02-R are soldered directly in the
printed circuit module. The 3 Chip Enable inputs (pins 1, 2 and 3) are wired at VCC or VSS
through the DIMM socket (see Table 4). The pull-up resistors needed for normal behavior of
the I2C bus are connected on the I2C bus of the mother-board (as shown in Figure 11).
The Write Control (WC) of the M34C02-W, M34C02-L and M34C02-R can be left
unconnected. However, connecting it to VSS is recommended, to maintain full read and write
access.
4.1
Programming the M34C02-W, M34C02-L and M34C02-R
When the device is delivered, full read and write access is given to the whole memory array.
It is recommended that the first step is to use the test equipment to write the module
information (such as its access speed, its size, its organization) to the first half of the
memory, starting from the first memory location. When the data has been validated, the test
equipment can send a Write command to the Protection Register, using the device select
code ’01100000b’ followed by an address and data byte (made up of Don’t Care values) as
shown in Figure 6. The first 128 bytes of the memory area are then write-protected, and the
M34C02-W, M34C02-L and M34C02-R will no longer respond to the specific device select
code ’0110000xb’. It is not possible to reverse this sequence.
Table 4.
DRAM DIMM Connections
DIMM Position
E2
E1
E0
0
VSS
VSS
VSS
1
VSS
VSS
VCC
2
VSS
VCC
VSS
3
VSS
VCC
VCC
4
VCC
VSS
VSS
5
VCC
VSS
VCC
6
VCC
VCC
VSS
7
VCC
VCC
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com