Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02-R Datasheet(PDF) 25 Page - STMicroelectronics

Part # M34C02-R
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-R Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M34C02-R Datasheet HTML 21Page - STMicroelectronics M34C02-R Datasheet HTML 22Page - STMicroelectronics M34C02-R Datasheet HTML 23Page - STMicroelectronics M34C02-R Datasheet HTML 24Page - STMicroelectronics M34C02-R Datasheet HTML 25Page - STMicroelectronics M34C02-R Datasheet HTML 26Page - STMicroelectronics M34C02-R Datasheet HTML 27Page - STMicroelectronics M34C02-R Datasheet HTML 28Page - STMicroelectronics M34C02-R Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
DC and AC parameters
25/31
Table 13.
DC Characteristics (M34C02-R)
Symbol
Parameter
Test Condition (in addition to
those in Table 8)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E0, E1 and E2)
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC =5V, fc=400kHz
(rise/fall time < 30ns)
2mA
VCC =2.5V, fc=400kHz
(rise/fall time < 30ns)
1mA
VCC =1.8V, fc=400kHz
(rise/fall time < 30ns)
1mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC , VCC = 5V
1
µA
VIN = VSS or VCC , 1.8V ≤VCC < 2.5V
0.5
µA
VIL
Input Low Voltage(1)
1.
The voltage source driving only E0, E1 and E2 inputs must provide an impedance of less than 1k
Ω.
2.5V
≤V
CC ≤5.5V
– 0.3
0.3VCC
V
1.8V
≤V
CC < 2.5V
– 0.3
0.25VCC
V
VIH
Input High Voltage (1)
0.7VCC
VCC+1
V
VOL
Output Low Voltage
IOL = 3mA, VCC = 5V
0.4
V
IOL = 2.1mA, 2.2V ≤VCC < 2.5V
0.4
V
IOL = 0.15mA, VCC = 1.8V
0.2
V
Table 14.
AC Characteristics M34C02-W, M34C02-L, M34C02-R)
Test conditions specified in Table 9 and Table 6 or Table 7
Symbol
Alt.
Parameter
Min.
Max.
Unit
fC
fSCL
Clock Frequency
400
kHz
tCHCL
tHIGH
Clock Pulse Width High
600
ns
tCLCH
tLOW
Clock Pulse Width Low
1300
ns
tDL1DL2
(1)
1.
Sampled only, not 100% tested.
tF
SDA Fall Time
20
300
ns
tDXCX
tSU:DAT Data In Set Up Time
100
ns
tCLDX
tHD:DAT Data In Hold Time
0
ns
tCLQX
tDH
Data Out Hold Time
200
ns
tCLQV
(2)
2.
To avoid spurious START and STOP conditions, a minimum delay is placed between SCL=1 and the
falling or rising edge of SDA.
tAA
Clock Low to Next Data Valid (Access Time)
200
900
ns
tCHDX
(3)
3.
For a reSTART condition, or following a Write cycle.
tSU:STA Start Condition Set Up Time
600
ns
tDLCL
tHD:STA Start Condition Hold Time
600
ns
tCHDH
tSU:STO Stop Condition Set Up Time
600
ns
tDHDL
tBUF
Time between Stop Condition and Next Start Condition
1300
ns
tW
tWR
Write Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com