Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02-LMB6P Datasheet(PDF) 23 Page - STMicroelectronics

Part # M34C02-LMB6P
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-LMB6P Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M34C02-LMB6P Datasheet HTML 19Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 20Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 21Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 22Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 23Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 24Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 25Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 26Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
M34C02-W, M34C02-L, M34C02-R
DC and AC parameters
23/31
Table 10.
Input Parameters
Symbol
Parameter(1),(2)
1.
TA = 25°C, f = 400kHz
2.
Sampled only, not 100% tested.
Test Condition
Min.
Max.
Unit
CIN
Input Capacitance (SDA)
8
pF
CIN
Input Capacitance (other pins)
6
pF
ZWCL
WC Input Impedance
VIN < 0.3 V
15
70
k
Ω
ZWCH
WC Input Impedance
VIN > 0.7VCC
500
k
Ω
tNS
Pulse width ignored
(Input Filter on SCL and SDA)
Single glitch
100
ns
Table 11.
DC Characteristics (M34C02-W)
Symbol
Parameter
Test Condition
(in addition to those in Table 6)
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E0, E1,and E2)
VIN = VSS or VCC
± 2
µA
ILO
Output Leakage Current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC=5V, fc=400kHz
(rise/fall time < 30ns)
2mA
VCC =2.5V, fc=400kHz
(rise/fall time < 30ns)
1mA
ICC1
Stand-by Supply Current
VIN = VSS or VCC,
for 2.5V < VCC = < 5.5V
1µA
VIL
Input Low Voltage (1)
1. The voltage source driving only E0, E1 and E2 inputs must provide an impedance of less than
1kOhm.
–0.45
0.3VCC
V
VIH
Input High Voltage (1)
0.7VCC VCC+1
V
VOL
Output Low Voltage
IOL = 2.1mA when VCC = 2.5V or
IOL = 3mA when VCC = 5.5V
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com