Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34C02-LMB6P Datasheet(PDF) 30 Page - STMicroelectronics

Part # M34C02-LMB6P
Description  2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34C02-LMB6P Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M34C02-LMB6P Datasheet HTML 23Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 24Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 25Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 26Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 27Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 28Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 29Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 30Page - STMicroelectronics M34C02-LMB6P Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
Revision history
M34C02-W, M34C02-L, M34C02-R
30/31
10
Revision history
Table 18.
Document revision history
Date
Revision
Description of Revision
27-Dec-1999
2.0
Adjustments to the formatting. 0 to 70°C temperature range removed from
DC and AC tables.
No change to description of device, or parameters
07-Dec-2000
2.1
New definition of lead soldering temperature absolute rating for certain
packages
13-Mar-2001
2.2
-R voltage range added
18-Jul-2002
2.3
TSSOP8 (3x3mm² body size) package (MSOP8) added
22-May-2002
2.4
VFDFPN8 package (MLP8) added
21-Jul-2003
3.0
Document reformatted. -F voltage range added.
17-Mar-2004
4.0
Table of Contents added. MLP package changed. Absolute Maximum
Ratings for VIO(min) and VCC(min) changed. Soldering temperature
information clarified for RoHS compliant devices. Device grade information
clarified
14-Apr-2004
5.0
Typos corrected in Ordering Information example
26-Aug-2004
6.0
Device Grade clarified. Product List summary table added
30-Nov-2004
7.0
SO8 package removed.
14-Oct-2005
8.0
M34C02-R operating frequency upgraded to 400 kHz. Modified
Section 1.1: Device Internal Reset, Figure 4: Maximum RP value versus
bus parasitic capacitance (C) for an I²C Bus, Table 10: Input Parameters,
ICC1 values in Table 11: DC Characteristics (M34C02-W), Table 13: DC
Characteristics (M34C02-R), Table 15: DC Characteristics (M34C02-W-F)
and moved M34C02-R to Table 14: AC Characteristics M34C02-W,
M34C02-L, M34C02-R). Added Figure 3: Chip Enable input connection.
Added EcoPack® and Ambient Operating Temperature information.
11-Apr-2006
9
BN and DS (PDIP and TSSOP8) packages removed..
M34C02-F part number removed.
Test Conditions modified for ICC1 and VOL in Table 11: DC Characteristics
(M34C02-W).
Device Internal Reset removed and replaced by Section 2.5: Supply
voltage (VCC).
Blank option removed below Plating Technology in Table 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com