Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG736LBRMZ1 Datasheet(PDF) 3 Page - Analog Devices

Part # ADG736LBRMZ1
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG736LBRMZ1 Datasheet(HTML) 3 Page - Analog Devices

  ADG736LBRMZ1 Datasheet HTML 1Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 2Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 3Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 4Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 5Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 6Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 7Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 8Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADG736L
Rev. 0 | Page 3 of 12
SPECIFICATIONS
VDD = 5 V ± 10%, GND = 0 V; all specifications −40°C to +85°C, unless otherwise noted.
Table 1.
B Version1
Parameter
25°C
−40°C to
+85°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance (RON)
2.5
Ω typ
VS = 0 V to VDD, IDS =
−10 mA; see Figure 10
4
4.5
Ω max
On Resistance Match Between Channels (∆RON)
0.1
Ω typ
VS = 0 V to VDD, IDS =
−10 mA
0.4
Ω max
On Resistance Flatness (RFLAT (ON))
0.5
Ω typ
VS = 0 V to VDD, IDS =
−10 mA
1.2
Ω max
LEAKAGE CURRENTS
VDD = 5.5 V
Source Off Leakage IS (OFF)
±0.01
nA typ
VS = 4.5 V/1 V, VD = 1 V/4.5 V; see Figure 11
±0.1
±0.3
nA max
Channel On Leakage ID, IS (ON)
±0.01
nA typ
VS = VD = 1 V or 4.5 V; see Figure 12
±0.1
±0.3
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VINL or VINH
±0.1
μA max
DYNAMIC CHARACTERISTICS2
tON
12
ns typ
RL = 300 Ω, CL = 35 pF
16
ns max
VS = 3 V; see Figure 13
tOFF
5
ns typ
RL = 300 Ω, CL = 35 pF
8
ns max
VS = 3 V; see Figure 13
Break-Before-Make Time Delay, tD
7
ns typ
RL = 300 Ω, CL = 35 pF
1
ns min
VS1 = VS2 = 3 V; see Figure 14
Off Isolation
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 15
Channel-to-Channel Crosstalk
−62
dB typ
RL = 50 Ω, CL = 5 pF, f = 10 MHz
−82
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz; see Figure 16
Bandwidth (–3 dB)
200
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 17
CS (OFF)
9
pF typ
CD, CS (ON)
32
pF typ
POWER REQUIREMENTS
VDD = 5.5 V
IDD
0.001
μA typ
Digital inputs = 0 V or 5 V
1.0
μA max
1 Temperature range is −40°C to +85°C for the B version.
2 Guaranteed by design; not subject to production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com