Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADG736LBRMZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADG736LBRMZ1
Description  CMOS Low Voltage 2.5 OHM Dual SPDT Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG736LBRMZ1 Datasheet(HTML) 1 Page - Analog Devices

  ADG736LBRMZ1 Datasheet HTML 1Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 2Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 3Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 4Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 5Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 6Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 7Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 8Page - Analog Devices ADG736LBRMZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CMOS Low Voltage
2.5 Ω Dual SPDT Switch
ADG736L
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
1.8 V to 5.5 V single supply
2.5 Ω (typical) on resistance
Low on-resistance flatness
Guaranteed leakage performance over −40°C to +85°C
−3 dB bandwidth > 200 MHz
Rail-to-rail operation
10-lead MSOP package
Fast switching times
tON 16 ns
tOFF 8 ns
Typical power consumption (<0.01 μW)
TTL/CMOS compatible
APPLICATIONS
USB 1.1 signal switching circuits
Cell phones
PDAs
Battery-powered systems
Communication systems
Sample-and-hold systems
Audio signal routing
Audio and video switching
Mechanical reed relay replacement
GENERAL DESCRIPTION
The ADG736L is a monolithic device comprising two independ-
ently selectable CMOS single pole, double throw (SPDT) switches.
The switches are designed using a submicron process that
provides low power dissipation, yet gives high switching speed,
low on resistance, low leakage currents, and wide input signal
bandwidth.
The on resistance profile is very flat over the full analog signal
range. This ensures excellent linearity and low distortion when
switching audio signals. Fast switching speed also makes the
part suitable for video signal switching.
The ADG736L operates from a single 1.8 V to 5.5 V supply,
making it ideally suited to portable and battery-powered
instruments.
Each switch conducts equally well in both directions when on;
each has an input signal range that extends to the power supplies.
The ADG736L exhibits break-before-make switching action.
The ADG736L is available in a 10-lead MSOP.
FUNCTIONAL BLOCK DIAGRAM
10
D1
2
S1A
9
S1B
1
IN1
6
D2
4
S2A
7
S2B
5
IN2
ADG736L
SWITCHES SHOWN
FOR A LOGIC 1 INPUT
Figure 1.
PRODUCT HIGHLIGHTS
1.
1.8 V to 5.5 V Single-Supply Operation.
2.
Guaranteed Leakage Performance.
3.
Very Low RON (4.5 Ω Maximum at 5 V,
8 Ω Maximum at 3 V).
4.
Low On Resistance Flatness.
5.
−3 dB Bandwidth > 200 MHz.
6.
Low Power Dissipation.


Similar Part No. - ADG736LBRMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG736L AD-ADG736L_15 Datasheet
269Kb / 12P
CMOS Low Voltage
REV. 0
More results

Similar Description - ADG736LBRMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG719 AD-ADG719 Datasheet
117Kb / 8P
CMOS Low Voltage 4 ohm SPDT Switch
REV.A
ADG733 AD-ADG733 Datasheet
177Kb / 11P
CMOS, 2.5 ohm Low Voltage, Triple/Quad SPDT Switches
REV.0
ADG736 AD-ADG736 Datasheet
99Kb / 8P
CMOS Low Voltage 4 ohm Dual SPDT Switch
REV.0
logo
Fairchild Semiconductor
FSA2267 FAIRCHILD-FSA2267 Datasheet
1Mb / 15P
0.35 ohm Low Voltage Dual-SPDT Analog Switch
logo
Vishay Siliconix
DG3535 VISHAY-DG3535 Datasheet
94Kb / 6P
0.25-OHM Low-Voltage Dual SPDT Analog Switch
24-Jan-05
logo
Alpha & Omega Semicondu...
AOZ6237 AOSMD-AOZ6237 Datasheet
608Kb / 12P
0.35 ohm Low-Voltage Dual SPDT Analog Switch
AOZ6238 AOSMD-AOZ6238 Datasheet
528Kb / 12P
0.35 ohm Low-Voltage Dual SPDT Analog Switch
logo
Analog Devices
ADG736BRMZ AD-ADG736BRMZ Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
Rev. D
ADG736BRMZ-REEL7 AD-ADG736BRMZ-REEL7 Datasheet
250Kb / 12P
CMOS Low Voltage 2.5 廓 Dual SPDT Switch
REV. D
logo
Union Semiconductor, In...
UM4684 UNIONSEMI-UM4684_15 Datasheet
514Kb / 12P
0.5(OHM) Low-Voltage Dual SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com