Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L15 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 96Page - STMicroelectronics ST7L15 Datasheet HTML 97Page - STMicroelectronics ST7L15 Datasheet HTML 98Page - STMicroelectronics ST7L15 Datasheet HTML 99Page - STMicroelectronics ST7L15 Datasheet HTML 100Page - STMicroelectronics ST7L15 Datasheet HTML 101Page - STMicroelectronics ST7L15 Datasheet HTML 102Page - STMicroelectronics ST7L15 Datasheet HTML 103Page - STMicroelectronics ST7L15 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 138 page
background image
ST7L15, ST7L19
100/138
ELECTRICAL CHARACTERISTICS (cont’d)
13.3 OPERATING CONDITIONS
13.3.1 General Operating Conditions
TA = -40 to +125°C, unless otherwise specified.
Figure 60. fCLKIN Maximum Operating Frequency vs VDD Supply Voltage
Note: For further information on clock management block diagram for fCLKIN description, refer to Figure 12 in section 7
on page 21.
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Supply voltage
fOSC = 16 MHz max
TA = -40°C to TA max
3.0
5.5
V
fCLKIN
External clock frequency on CLKIN pin
VDD ≥ 3V
0
16
MHz
TA
Ambient temperature range
A Suffix version
-40
+85
°C
C Suffix version
-40
+125
fCLKIN [MHz]
SUPPLY VOLTAGE [V]
16
8
4
1
0
2.0
2.7
3.3
3.5
4.0
4.5
5.0
FUNCTIONALITY
NOT GUARANTEED
IN THIS AREA
5.5
FUNCTIONALITY
GUARANTEED
IN THIS AREA
(UNLESS OTHERWISE
STATED IN THE
TABLES OF
PARAMETRIC DATA).
3.0
REFER TO
section 13.3.3 on page
105 FOR PLL OPER-
ATING RANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com