Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L15 Datasheet(PDF) 41 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 37Page - STMicroelectronics ST7L15 Datasheet HTML 38Page - STMicroelectronics ST7L15 Datasheet HTML 39Page - STMicroelectronics ST7L15 Datasheet HTML 40Page - STMicroelectronics ST7L15 Datasheet HTML 41Page - STMicroelectronics ST7L15 Datasheet HTML 42Page - STMicroelectronics ST7L15 Datasheet HTML 43Page - STMicroelectronics ST7L15 Datasheet HTML 44Page - STMicroelectronics ST7L15 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 138 page
background image
ST7L15, ST7L19
41/138
POWER SAVING MODES (cont’d)
Figure 28. AWUFH Mode Flowchart
Notes:
1. WDGHALT is an option bit. See option byte section for
more details.
2. Peripheral clocked with an external clock source can
still be active.
3. Only an AWUFH interrupt and some specific interrupts
can exit the MCU from HALT mode (such as external in-
terrupt). Refer to Table 5, “Interrupt Mapping,” on page 32
for more details.
4. Before servicing an interrupt, the CC register is pushed
on the stack. The I[1:0] bits of the CC register are set to
the current software priority level of the interrupt routine
and recovered when the CC register is popped.
5. If the PLL is enabled by the option byte, it outputs the
clock after an additional delay of tSTARTUP (see Figure 11).
RESET
INTERRUPT3)
Y
N
N
Y
CPU
MAIN OSC
PERIPHERALS2)
I[1:0] BITS
OFF
OFF
10
OFF
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CPU
MAIN OSC
PERIPHERALS
I[1:0] BITS
ON
OFF
XX4)
ON
CPU
MAIN OSC
PERIPHERALS
I[1:0] BITS
ON
ON
XX4)
ON
256 OR 4096 CPU CLOCK
DELAY5)
WATCHDOG
ENABLE
DISABLE
WDGHALT1)
0
WATCHDOG
RESET
1
CYCLE
AWU RC OSC
ON
AWU RC OSC
OFF
AWU RC OSC
OFF
HALT INSTRUCTION
(Active Halt disabled)
(AWUCSR.AWUEN=1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com