Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7L15 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST7L15
Description  8-bit MCU for automotive with single voltage Flash/ROM memory, data EEPROM, ADC, 5 timers, SPI
PDF  138 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7L15 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST7L15 Datasheet HTML 101Page - STMicroelectronics ST7L15 Datasheet HTML 102Page - STMicroelectronics ST7L15 Datasheet HTML 103Page - STMicroelectronics ST7L15 Datasheet HTML 104Page - STMicroelectronics ST7L15 Datasheet HTML 105Page - STMicroelectronics ST7L15 Datasheet HTML 106Page - STMicroelectronics ST7L15 Datasheet HTML 107Page - STMicroelectronics ST7L15 Datasheet HTML 108Page - STMicroelectronics ST7L15 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 138 page
background image
ST7L15, ST7L19
105/138
OPERATING CONDITONS (cont’d)
13.3.2 Operating Conditions with Low Voltage Detector (LVD)
TA = -40 to +125°C, unless otherwise specified.
Notes:
1. LVD functionality guaranteed only within the VDD operating range specified in section 13.3.1 on page 100.
2. Not tested in production.
3. Not tested in production. The VDD rise time rate condition is needed to insure a correct device power-on and LVD reset.
When the VDD slope is outside these values, the LVD may not ensure a proper reset of the MCU.
4. Based on design simulation.
5. Use of LVD with capacitive power supply: With this type of power supply, if power cuts occur in the application, it is rec-
ommended to pull VDD down to 0V to ensure optimum restart conditions. Refer to circuit example in Figure 95 on
page 119 and note 4.
13.3.3 Internal RC Oscillator and PLL
The ST7 internal clock can be supplied by an internal RC oscillator and PLL (selectable by option byte).
Notes:
1. x4 PLL option only applicable on Flash devices.
Symbol
Parameter
Conditions1)
Min
Typ
Max
Unit
VIT+(LVD)
Reset release threshold (VDD rise)
3.802)
4.20
4.60
V
VIT-(LVD)
Reset generation threshold (VDD fall)
3.70
4.00
4.352)
Vhys
LVD voltage threshold hysteresis
VIT+(LVD)-VIT-(LVD)
200
mV
VtPOR
VDD rise time rate
3)5)
0.022)
1002)
ms/V
tg(VDD)
Filtered glitch delay on VDD
Not detected by the LVD
1504)
ns
IDD(LVD)
LVD current consumption
200
µA
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD(RC)
Internal RC oscillator operating voltage
Refer to operating range
of VDD with TA, section
13.3.1 on page 100
3.0
5.5
V
VDD(x4PLL)
x4 PLL operating voltage1)
3.0
3.6
VDD(x8PLL)
x8 PLL operating voltage
3.6
5.5
tSTARTUP
PLL Start-up time
60
PLL
input
clock
(fPLL)
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com