Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75N75-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 75N75-TN3-R
Description  75Amps, 75Volts N-CHANNEL POWER MOSTFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

75N75-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  75N75-TN3-R Datasheet HTML 1Page - Unisonic Technologies 75N75-TN3-R Datasheet HTML 2Page - Unisonic Technologies 75N75-TN3-R Datasheet HTML 3Page - Unisonic Technologies 75N75-TN3-R Datasheet HTML 4Page - Unisonic Technologies 75N75-TN3-R Datasheet HTML 5Page - Unisonic Technologies 75N75-TN3-R Datasheet HTML 6Page - Unisonic Technologies 75N75-TN3-R Datasheet HTML 7Page - Unisonic Technologies 75N75-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
75N75
Power MOSFET
www.unisonic.com.tw
1 of 8
Copyright © 2005 Unisonic Technologies Co., Ltd.
QW-R502-097,A
75Amps, 75Volts
N-CHANNEL POWER MOSTFET
DESCRIPTION
The UTC 75N75 is n-channel enhancement mode power field
effect transistors with stable off-state characteristics, fast
switching speed, low thermal resistance, usually used at telecom
and computer application.
FEATURES
* RDS(ON) = 12.5mΩ @VGS = 10 V
* Ultra low gate charge ( typical 90 nC )
* Fast switching capability
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
TO-220
1
TO-252
TO- 251
1
1
1
TO-220F
*Pb-free plating product number: 75N75L
ORDERING INFORMATION
Order Number
Pin Assignment
Normal
Lead Free Plating
Package
1
2
3
Packing
75N75-TA3-T
75N75L-TA3-T
TO-220
G
D
S
Tube
75N75-TF3-T
75N75L-TF3-T
TO-220F
G
D
S
Tube
75N75-TM3-T
75N75L-TM3-T
TO-251
G
D
S
Tube
75N75-TN3-R
75N75L-TN3-R
TO-252
G
D
S
Tape Reel
75N75-TN3-T
75N75L-TN3-T
TO-252
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source
75N75L-TA3-T
(1)Packing Type
(2)Package Type
(3)Lead Plating
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF3: TO-220F, TM3: TO-251,
TN 3: TO-252
(3) L: Lead Free Plating, Blank: Pb/Sn


Similar Part No. - 75N75-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75N75-TA3-T UTC-75N75-TA3-T Datasheet
208Kb / 6P
80Amps, 75Volts N-CHANNEL POWER MOSFET
75N75-TF3-T UTC-75N75-TF3-T Datasheet
208Kb / 6P
80Amps, 75Volts N-CHANNEL POWER MOSFET
75N75-TQ2-R UTC-75N75-TQ2-R Datasheet
208Kb / 6P
80Amps, 75Volts N-CHANNEL POWER MOSFET
75N75-TQ2-T UTC-75N75-TQ2-T Datasheet
208Kb / 6P
80Amps, 75Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 75N75-TN3-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF320 SAMSUNG-IRF320 Datasheet
213Kb / 5P
N-CHANNEL POWER MOSFETS
IRF350 SAMSUNG-IRF350 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
IRF420 SAMSUNG-IRF420 Datasheet
211Kb / 5P
N-CHANNEL POWER MOSFETS
IRFP450 SAMSUNG-IRFP450 Datasheet
212Kb / 5P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
logo
Unisonic Technologies
60N75 UTC-60N75 Datasheet
246Kb / 8P
60Amps, 75Volts N-CHANNEL POWER MOSTFET
logo
Guangdong Kexin Industr...
XP151A13 KEXIN-XP151A13 Datasheet
208Kb / 3P
N-Channel Power
logo
Unisonic Technologies
75N75 UTC-75N75_09 Datasheet
208Kb / 6P
80Amps, 75Volts N-CHANNEL POWER MOSFET
logo
Micro Commercial Compon...
BAW156 MCC-BAW156 Datasheet
212Kb / 4P
250mW 75Volts Dual Switching Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com