Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3002CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH3002CT
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3002CT Datasheet(HTML) 1 Page - STMicroelectronics

  STTH3002CT Datasheet HTML 1Page - STMicroelectronics STTH3002CT Datasheet HTML 2Page - STMicroelectronics STTH3002CT Datasheet HTML 3Page - STMicroelectronics STTH3002CT Datasheet HTML 4Page - STMicroelectronics STTH3002CT Datasheet HTML 5Page - STMicroelectronics STTH3002CT Datasheet HTML 6Page - STMicroelectronics STTH3002CT Datasheet HTML 7Page - STMicroelectronics STTH3002CT Datasheet HTML 8Page - STMicroelectronics STTH3002CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
April 2006
Rev 2
1/11
STTH3002C
High efficiency ultrafast diode
Main product characteristics
Features and benefits
Suited for SMPS
Low losses
Low forward and reverse recovery times
High surge current capability
High junction temperature
Insulated version TOP3I:
– Insulated voltage: 2500 Vrms
– Capacitance 12 pF
Description
Dual center tab rectifier suited for switch mode
power supplies and high frequency DC to DC
converters.
Packaged in TO-220AB, TO-247, I²PAK, D²PAK,
and TOP3I, this device is intended for use in low
voltage, high frequency inverters, free wheeling
and polarity protection
Order codes
IF(AV)
2 x 15A
VRRM
200 V
Tj(max)
175° C
VF (typ)
0.75 V
trr (typ)
17 ns
Part Number
Marking
STTH3002CT
STTH3002C
STTH3002CW
STTH3002C
STTH3002CR
STTH3002C
STTH3002CG
STTH3002C
STTH3002CG-TR
STTH3002C
STTH3002CPI
STTH3002C
D2PAK
STTH3002CG
K
A1
A1
NC
A1
A1
A1
K
K
K
K
A2
A2
A2
A2
A2
TO-220AB
STTH3002CT
TO-247
STTH3002CW
TOP3I
STTH3002CPI
I2PAK
STTH3002CR
A1
K
A2
www.st.com


Similar Part No. - STTH3002CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3002CT STMICROELECTRONICS-STTH3002CT Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
More results

Similar Description - STTH3002CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH102 STMICROELECTRONICS-STTH102 Datasheet
106Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
21-Nov-2006
STTH152 STMICROELECTRONICS-STTH152 Datasheet
42Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH302 STMICROELECTRONICS-STTH302 Datasheet
43Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Nov-2001
STTH3002 STMICROELECTRONICS-STTH3002 Datasheet
101Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Feb-2004
STTH2L06 STMICROELECTRONICS-STTH2L06 Datasheet
86Kb / 8P
HIGH EFFICIENCY ULTRAFAST DIODE
07-Sep-2004
BYT01-400 STMICROELECTRONICS-BYT01-400_01 Datasheet
47Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
STTH6002C STMICROELECTRONICS-STTH6002C_06 Datasheet
114Kb / 9P
High efficiency ultrafast diode
05-Apr-2006
STTH1302CT STMICROELECTRONICS-STTH1302CT_03 Datasheet
116Kb / 7P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2003
BYT01400 STMICROELECTRONICS-BYT01400 Datasheet
51Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
BYT03-400 STMICROELECTRONICS-BYT03-400 Datasheet
53Kb / 5P
HIGH EFFICIENCY ULTRAFAST DIODE
Oct-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com