Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3002CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3002CT
Description  High efficiency ultrafast diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3002CT Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3002CT Datasheet HTML 1Page - STMicroelectronics STTH3002CT Datasheet HTML 2Page - STMicroelectronics STTH3002CT Datasheet HTML 3Page - STMicroelectronics STTH3002CT Datasheet HTML 4Page - STMicroelectronics STTH3002CT Datasheet HTML 5Page - STMicroelectronics STTH3002CT Datasheet HTML 6Page - STMicroelectronics STTH3002CT Datasheet HTML 7Page - STMicroelectronics STTH3002CT Datasheet HTML 8Page - STMicroelectronics STTH3002CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Characteristics
STTH3002C
4/11
Figure 3.
Forward voltage drop versus
forward current (maximum values,
per diode)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration
0
10
20
30
40
50
60
70
80
90
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
I(A)
FM
V(V)
FM
T =25°C
j
T =150°C
j
0.1
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z/R
th(j-c)
th(j-c)
Single pulse
t(s)
p
Figure 5.
Junction capacitance versus
reverse applied voltage (typical
values, per diode)
Figure 6.
Reverse recovery charges versus
dIF/dt (typical values, per diode)
10
100
1000
0
50
100
150
200
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
0
25
50
75
100
125
150
175
200
225
250
10
100
1000
Q (nC)
rr
dI /dt(A/µs)
F
I =15A
F
V =160V
R
T =125°C
j
T =25°C
j
Figure 7.
Reverse recovery time versus
dIF/dt (typical values, per diode)
Figure 8.
Peak reverse recovery current
versus dIF/dt (typical values, per
diode)
0
10
20
30
40
50
60
70
10
100
1000
t (ns)
rr
dI /dt(A/µs)
F
T =25°C
j
T =125°C
j
I =15A
F
V =160V
R
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
10
100
1000
I
(A)
RM
dI /dt(A/µs)
F
T =25°C
j
T =125°C
j
I =15A
F
V =160V
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com