Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 55 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Proprietary Microcontroller CMOS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 55 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 51Page - fujitsu semiconductor MB90347CE Datasheet HTML 52Page - fujitsu semiconductor MB90347CE Datasheet HTML 53Page - fujitsu semiconductor MB90347CE Datasheet HTML 54Page - fujitsu semiconductor MB90347CE Datasheet HTML 55Page - fujitsu semiconductor MB90347CE Datasheet HTML 56Page - fujitsu semiconductor MB90347CE Datasheet HTML 57Page - fujitsu semiconductor MB90347CE Datasheet HTML 58Page - fujitsu semiconductor MB90347CE Datasheet HTML 59Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 85 page
background image
MB90340E Series
55
(Continued)
(TA
= −40 °C to +105 °C, VCC = 5.0 V ± 10%, fCP ≤ 24 MHz, VSS = AVSS = 0 V)
* : The power supply current is measured with an external clock.
Parameter
Sym-
bol
Pin
Condition
Value
Unit
Remarks
Min
Typ
Max
Input leak current
IIL
⎯
VCC
= 5.5 V, VSS < VI < VCC
−1
⎯+1
µA
Pull-up
resistance
RUP
P00 to P07,
P10 to P17,
P20 to P27,
P30 to P37,
RST
⎯
25
50
100
k
Ω
Pull-down
resistance
RDOWN
MD2
⎯
25
50
100
k
Ω
Except
Flash
memory
devices
Power supply
current*
ICC
VCC
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At normal operation.
⎯
55
70
mA
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At writing Flash memory.
⎯
70
85
mA
Flash
memory
devices
VCC
= 5.0 V,
Internal frequency : 24 MHz,
At erasing Flash memory.
⎯
75
90
mA
Flash
memory
devices
ICCS
VCC
= 5.0 V,
Internal frequency : 24 MHz,
In Sleep mode.
⎯
25
35
mA
ICTS
VCC
= 5.0 V,
Internal frequency : 2 MHz,
In Main Timer mode
⎯
0.3
0.8
mA
ICTSPLL6
VCC
= 5.0 V,
Internal frequency : 24 MHz,
In PLL Timer mode,
external frequency
= 4 MHz
⎯
47
mA
ICCL
VCC = 5.0 V
Internal frequency : 8 kHz,
In sub operation
TA =
+25°C
⎯
70
140
µA
ICCLS
VCC = 5.0 V
Internal frequency : 8 kHz,
In sub sleep
TA =
+25°C
⎯
20
50
µA
ICCT
VCC = 5.0 V
Internal frequency : 8 kHz,
In watch mode
TA =
+25°C
⎯
10
35
µA
ICCH
VCC
= 5.0 V,
In Stop mode,
TA
= +25°C
⎯
725
µA
Input capacitance
CIN
Other than C,
AVCC, AVSS,
AVRH, AVRL,
VCC, VSS
⎯⎯
515
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com