Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB90347CE Datasheet(PDF) 24 Page - fujitsu semiconductor

Part # MB90347CE
Description  16-bit Proprietary Microcontroller CMOS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90347CE Datasheet(HTML) 24 Page - fujitsu semiconductor

Back Button MB90347CE Datasheet HTML 20Page - fujitsu semiconductor MB90347CE Datasheet HTML 21Page - fujitsu semiconductor MB90347CE Datasheet HTML 22Page - fujitsu semiconductor MB90347CE Datasheet HTML 23Page - fujitsu semiconductor MB90347CE Datasheet HTML 24Page - fujitsu semiconductor MB90347CE Datasheet HTML 25Page - fujitsu semiconductor MB90347CE Datasheet HTML 26Page - fujitsu semiconductor MB90347CE Datasheet HTML 27Page - fujitsu semiconductor MB90347CE Datasheet HTML 28Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 85 page
background image
MB90340E Series
24
■ HANDLING DEVICES
1.
Preventing latch-up
CMOS IC chips may suffer latch-up under the following conditions:
• A voltage higher than VCC or lower than VSS is applied to an input or output pin.
• A voltage higher than the rated voltage is applied between VCC and VSS pins.
•The AVCC power supply is applied before the VCC voltage.
Latch-up may increase the power supply current drastically, causing thermal damage to the device.
For the same reason, also be careful not to let the analog power-supply voltage (AVCC, AVRH) exceed the digital
power-supply voltage.
2.
Handling unused pins
Leaving unused input pins open may result in misbehavior or latch-up and possible permanent damage to the
device. Therefore they must be pulled up or pulled down through resistors. In this case those resistors should
be more than 2 k
Ω .
Unused bidirectional pins should be set to the output state and can be left open, or the input state with the above
described connection.
3.
Power supply pins (VCC/VSS)
• If there are multiple VCC and VSS pins, that are designed to be set to the same potential are connected the
inside of the device to prevent malfunctions such as latch-up.
To reduce unnecessary radiation, prevent malfunctioning of the strobe signal due to the rise of ground level,
and observe the standard for total output current, be sure to connect the VCC and VSS pins to the power supply
and ground externally. Connect VCC and VSS pins to the device from the current supply source at a low imped-
ance.
• As a measure against power supply noise, connect a capacitor of about 0.1
µF as a bypass capacitor between
VCC and VSS pins in the vicinity of VCC and VSS pins of the device
4.
Mode Pins (MD0 to MD2)
Connect the mode pins directly to VCC or VSS pins. To prevent the device unintentionally entering test mode due
to noise, lay out the printed circuit board so as to minimize the distance from the mode pins to VCC or VSS pins
and to provide a low-impedance connection.
Vcc
Vss
Vss
Vcc
Vss
Vcc
MB90340E
Series
Vcc
Vss
Vcc
Vss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com