Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1016 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS1016
Description  AM Receiver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1016 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS1016 Datasheet HTML 1Page - Micro Analog systems MAS1016 Datasheet HTML 2Page - Micro Analog systems MAS1016 Datasheet HTML 3Page - Micro Analog systems MAS1016 Datasheet HTML 4Page - Micro Analog systems MAS1016 Datasheet HTML 5Page - Micro Analog systems MAS1016 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 (6)
DA1016.003
31 October, 2000
PAD LAYOUT
DIE size = 1.79 x 1.79 mm; PAD size = 100 x 100
µm
Substrate is connected to Vdd.
Note: Coordinates are calculated using Vdd as a centre point
Pad Identification
Name
X-coordinate
Y-coordinate
Note
Power Supply Voltage
VDD
0
µm
0
µm
Quarz Filter Output
QO
306
µm
19
µm
Quarz Filter Input
QI
587
µm
19
µm
AGC Capacitor
AGC
866
µm
19
µm
Receiver Output
OUT
1143
µm
19
µm
3
Demodulator Capacitor
DEC
1111
µm
1436
µm
AGC On Control
AON
868
µm
1436
µm
2
Power Down Input
PDN
551
µm
1436
µm
1
Receiver Input
RFI
309
µm
1436
µm
Power Supply Ground
VSS
16
µm
1415
µm
Notes:
1) Level = VSS means receiver on; VDD = receiver off
2) Level = VSS means AGC hold; VDD = AGC on (working)
-
Internal pull-up with current < 1
µA which is switched off in power down
-
During AGC hold the receiver output OUT is hold down to VSS
3) 100% AM results in Level = VSS; 25% AM results in Level = VDD
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is tri-state
MAS1016
VDD QO
QI AGC OUT
VSS RFI PDN AON DEC
1788 µm
1786 µm



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com