Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1016 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS1016
Description  AM Receiver IC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1016 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS1016 Datasheet HTML 1Page - Micro Analog systems MAS1016 Datasheet HTML 2Page - Micro Analog systems MAS1016 Datasheet HTML 3Page - Micro Analog systems MAS1016 Datasheet HTML 4Page - Micro Analog systems MAS1016 Datasheet HTML 5Page - Micro Analog systems MAS1016 Datasheet HTML 6Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4 (6)
DA1016.003
31 October, 2000
TYPICAL APPLICATION
Crystal frequencies:
77.503 kHz for DCF77 Receiver,
60 kHz for WWVB (USA) and MSF (British) Receiver
40 kHz JG2AS (Japan) Receiver
Note 1: AGC Capacitor
DCF77 Receiver 0.47 to 1.0 uF
WWVB (USA), MSF (British) and JG2AS (Japan) 220 nF (external control of AON (=AGC on)is needed, for
more details see also DAEV1016)
AGC Amplifier
Demodulator
&
Comparator
Power Supply/Biasing
RFI
OUT
QI
QO
VSS
AGC
DEC
Receiver
output
Ferrite-
Antenna
Crystal
*
0.47…1 uF
AON (=AGC on)
VDD
1.4 V
47 nF
PDN
Note 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com