Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64 Datasheet(PDF) 37 Page - STMicroelectronics

Part # M25P64
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M25P64_07 Datasheet HTML 33Page - STMicroelectronics M25P64_07 Datasheet HTML 34Page - STMicroelectronics M25P64_07 Datasheet HTML 35Page - STMicroelectronics M25P64_07 Datasheet HTML 36Page - STMicroelectronics M25P64_07 Datasheet HTML 37Page - STMicroelectronics M25P64_07 Datasheet HTML 38Page - STMicroelectronics M25P64_07 Datasheet HTML 39Page - STMicroelectronics M25P64_07 Datasheet HTML 40Page - STMicroelectronics M25P64_07 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
M25P64
Power-up and Power-down
37/49
7
Power-up and Power-down
At Power-up and Power-down, the device must not be selected (that is Chip Select (S) must
follow the voltage applied on VCC) until VCC reaches the correct value:
●
VCC(min) at Power-up, and then for a further delay of tVSL
●
VSS at Power-down
A safe configuration is provided in Section 3: SPI modes.
To avoid data corruption and inadvertent write operations during Power-up, a Power On
Reset (POR) circuit is included. The logic inside the device is held reset while VCC is less
than the Power On Reset (POR) threshold voltage, VWI – all operations are disabled, and
the device does not respond to any instruction.
Moreover, the device ignores all Write Enable (WREN), Page Program (PP), Sector Erase
(SE), Bulk Erase (BE) and Write Status Register (WRSR) instructions until a time delay of
tPUW has elapsed after the moment that VCC rises above the VWI threshold. However, the
correct operation of the device is not guaranteed if, by this time, VCC is still below VCC(min).
No Write Status Register, Program or Erase instructions should be sent until the later of:
●
tPUW after VCC passed the VWI threshold
●
tVSL after VCC passed the VCC(min) level
These values are specified in Table 8.
If the delay, tVSL, has elapsed, after VCC has risen above VCC(min), the device can be
selected for READ instructions even if the tPUW delay is not yet fully elapsed.
At Power-up, the device is in the following state:
●
The device is in the Standby Power mode
●
The Write Enable Latch (WEL) bit is reset
●
The Write In Progress (WIP) bit is reset
Normal precautions must be taken for supply rail decoupling, to stabilize the VCC supply.
Each device in a system should have the VCC rail decoupled by a suitable capacitor close to
the package pins. (Generally, this capacitor is of the order of 100 nF).
At Power-down, when VCC drops from the operating voltage, to below the Power On Reset
(POR) threshold voltage, VWI, all operations are disabled and the device does not respond
to any instruction. (The designer needs to be aware that if a Power-down occurs while a
Write, Program or Erase cycle is in progress, some data corruption can result.).
Power up sequencing for Fast program/erase mode: VCC should attain VCCMIN before VPPH
is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com