Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64 Datasheet(PDF) 45 Page - STMicroelectronics

Part # M25P64
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button M25P64_07 Datasheet HTML 41Page - STMicroelectronics M25P64_07 Datasheet HTML 42Page - STMicroelectronics M25P64_07 Datasheet HTML 43Page - STMicroelectronics M25P64_07 Datasheet HTML 44Page - STMicroelectronics M25P64_07 Datasheet HTML 45Page - STMicroelectronics M25P64_07 Datasheet HTML 46Page - STMicroelectronics M25P64_07 Datasheet HTML 47Page - STMicroelectronics M25P64_07 Datasheet HTML 48Page - STMicroelectronics M25P64_07 Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
M25P64
Package mechanical
45/49
11
Package mechanical
Figure 26.
VDFPN8 (MLP8) 8-lead Very thin Dual Flat Package No lead, 8 × 6 mm,
package outline
1.
Drawing is not to scale.
2.
The circle in the top view of the package indicates the position of pin 1.
Table 15.
VDFPN8 (MLP8) 8-lead Very thin Dual Flat Package No lead, 8 × 6 mm,
package mechanical data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
0.85
1.00
0.0335
0.0394
A1
0.00
0.05
0.0000
0.0020
b
0.40
0.35
0.48
0.0157
0.0138
0.0189
D
8.00
0.3150
D2
5.16
(1)
1.
D2 Max must not exceed (D – K – 2 × L).
0.2031
ddd
0.05
0.0020
E
6.00
0.2362
E2
4.80
0.1890
e1.27–
–
0.0500
–
–
K
0.82
0.0323
L
0.50
0.45
0.60
0.0197
0.0177
0.0236
L1
0.15
0.0059
N8
8
D
E
VDFPN-02
A
e
E2
D2
L
b
L1
A1
ddd
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com