Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6TP Datasheet(PDF) 29 Page - STMicroelectronics

Part # M25P64-VMF6TP
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6TP Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M25P64-VMF6TP Datasheet HTML 25Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 26Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 27Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 28Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 29Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 30Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 31Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 32Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
M25P64
Instructions
29/49
When the Status Register Write Disable (SRWD) bit of the Status Register is 0 (its initial
delivery state), it is possible to write to the Status Register provided that the Write Enable
Latch (WEL) bit has previously been set by a Write Enable (WREN) instruction, regardless
of the whether Write Protect (W/VPP) is driven High or Low.
When the Status Register Write Disable (SRWD) bit of the Status Register is set to 1, two
cases need to be considered, depending on the state of Write Protect (W/VPP):
●
If Write Protect (W/VPP) is driven High, it is possible to write to the Status Register
provided that the Write Enable Latch (WEL) bit has previously been set by a Write
Enable (WREN) instruction.
●
If Write Protect (W/VPP) is driven Low, it is not possible to write to the Status Register
even if the Write Enable Latch (WEL) bit has previously been set by a Write Enable
(WREN) instruction. (Attempts to write to the Status Register are rejected, and are not
accepted for execution). As a consequence, all the data bytes in the memory area that
are software protected (SPM) by the Block Protect (BP2, BP1, BP0) bits of the Status
Register, are also hardware protected against data modification.
Regardless of the order of the two events, the Hardware Protected Mode (HPM) can be
entered:
●
by setting the Status Register Write Disable (SRWD) bit after driving Write Protect
(W/VPP) Low
●
or by driving Write Protect (W/VPP) Low after setting the Status Register Write Disable
(SRWD) bit.
The only way to exit the Hardware Protected Mode (HPM) once entered is to pull Write
Protect/ (W/VPP) High.
If Write Protect/ (W/VPP) is permanently tied High, the Hardware Protected Mode (HPM) can
never be activated, and only the Software Protected Mode (SPM), using the Block Protect
(BP2, BP1, BP0) bits of the Status Register, can be used.
Figure 12.
Write Status Register (WRSR) instruction sequence
C
D
AI02282D
S
Q
2
1
3456789 10 11 12 13 14 15
High Impedance
Instruction
Status
Register In
0
765432
0
1
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com