Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6TP Datasheet(PDF) 48 Page - STMicroelectronics

Part # M25P64-VMF6TP
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6TP Datasheet(HTML) 48 Page - STMicroelectronics

Back Button M25P64-VMF6TP Datasheet HTML 41Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 42Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 43Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 44Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 45Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 46Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 47Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 48Page - STMicroelectronics M25P64-VMF6TP Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 48 / 49 page
background image
Revision history
M25P64
48/49
13
Revision history
Table 18.
Document revision history
Date
Revision
Changes
28-Apr-2003
0.1
Target Specification Document written in brief form
15-May-2003
0.2
Target Specification Document written in full
20-Jun-2003
0.3
8x6 MLP8 and SO16(300 mil) packages added
18-Jul-2003
0.4
tPP, tSE and tBE revised
02-Sep-2003
0.5
Voltage supply range changed
19-Sep-2003
0.6
Table of contents, warning about exposed paddle on MLP8, and Pb-free
options added
17-Dec-2003
0.7
Value of tVSL(min) VWI, tPP(typ) and tBE(typ) changed. MLP8 package
removed.
15-Nov-2004
1.0
Document status promoted from Target Specification to Preliminary Data.
8x6 MLP8 package added. Minor wording changes.
24-Feb-2005
2.0
Deep Power-Down mode removed from datasheet (Figure 18: Read
Electronic Signature (RES) instruction sequence and data-out sequence
modified and tRES1 and tRES2 removed from Table 14: AC
characteristics). SO16 Wide package specifications updated. End timing
line of tSHQZ modified in Figure 24: Output timing. Figures moved below
the corresponding instructions in the Instructions section.
23-Dec-2005
3.0
Updated Page Program (PP) instructions in Page Programming, Page
Program (PP) and Table 14: AC characteristics.
Fast Program/Erase mode added and Power-up specified for Fast
Program/Erase mode in Power-up and Power-down section. W pin
changed to W/VPP. (see Write Protect/Enhanced Program supply voltage
(W/VPP) description). Note 2 inserted below Figure 26 Blank option
removed under Plating Technology.
tVPPHSL added to Table 14: AC characteristics and Figure 25: VPPH timing
inserted.
All packages are ECOPACK® compliant.
Document status promoted from Preliminary Data to full Datasheet
status.
16-Feb-2006
4.0
VDFPN8 (MLP8) package specifications updated (see Section 11:
Package mechanical).
07-Sep-2006
5
Figure 4: Bus master and memory devices on the SPI bus modified.
ICC1 maximum value updated in Table 13: DC characteristics.
19-Jan-2007
6
Hardware Write Protection feature added to Features on page 1.
VCC supply voltage and VSS ground descriptions added.
Figure 4: Bus master and memory devices on the SPI bus updated and
explanatory paragraph added.
At Power-up The Write In Progress (WIP) bit is reset.
VIO max modified and TLEAD added in Table 9: Absolute maximum
ratings. Small text changes.
Note 1 added to Table 15: VDFPN8 (MLP8) 8-lead Very thin Dual Flat
Package No lead, 8 × 6 mm, package mechanical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com