Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6G Datasheet(PDF) 13 Page - STMicroelectronics

Part # M25P64-VMF6G
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6G Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M25P64-VMF6G Datasheet HTML 9Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 10Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 11Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 12Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 13Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 14Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 15Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 16Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
M25P64
Operating features
13/49
4
Operating features
4.1
Page Programming
To program one data byte, two instructions are required: Write Enable (WREN), which is one
byte, and a Page Program (PP) sequence, which consists of four bytes plus data. This is
followed by the internal Program cycle (of duration tPP).
To spread this overhead, the Page Program (PP) instruction allows up to 256 bytes to be
programmed at a time (changing bits from 1 to 0), provided that they lie in consecutive
addresses on the same page of memory.
For optimized timings, it is recommended to use the Page Program (PP) instruction to
program all consecutive targeted Bytes in a single sequence versus using several Page
Program (PP) sequences with each containing only a few Bytes (see Page Program (PP)
and Table 14: AC characteristics).
4.2
Sector Erase and Bulk Erase
The Page Program (PP) instruction allows bits to be reset from 1 to 0. Before this can be
applied, the bytes of memory need to have been erased to all 1s (FFh). This can be
achieved either a sector at a time, using the Sector Erase (SE) instruction, or throughout the
entire memory, using the Bulk Erase (BE) instruction. This starts an internal Erase cycle (of
duration tSE or tBE).
The Erase instruction must be preceded by a Write Enable (WREN) instruction.
4.3
Polling during a Write, Program or Erase cycle
A further improvement in the time to Write Status Register (WRSR), Program (PP) or Erase
(SE or BE) can be achieved by not waiting for the worst case delay (tW, tPP, tSE, or tBE). The
Write In Progress (WIP) bit is provided in the Status Register so that the application program
can monitor its value, polling it to establish when the previous Write cycle, Program cycle or
Erase cycle is complete.
4.4
Fast Program/Erase mode
The Fast Program/Erase mode is used to speed up programming/erasing. The device
enters the Fast Program/Erase mode during the Page Program, Sector Erase or Bulk Erase
instruction whenever a voltage equal to VPPH is applied to the W/VPP pin.
The use of the Fast Program/Erase mode requires specific operating conditions in addition
to the normal ones (VCC must be within the normal operating range):
●
the voltage applied to the W/VPP pin must be equal to VPPH (see Table 10)
●
ambient temperature, TA must be 25°C ±10°C,
●
the cumulated time during which W/VPP is at VPPH should be less than 80 hours



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com