Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M25P64-VMF6G Datasheet(PDF) 1 Page - STMicroelectronics

Part # M25P64-VMF6G
Description  64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P64-VMF6G Datasheet(HTML) 1 Page - STMicroelectronics

  M25P64-VMF6G Datasheet HTML 1Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 2Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 3Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 4Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 5Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 6Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 7Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 8Page - STMicroelectronics M25P64-VMF6G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
January 2007
Rev 6
1/49
1
M25P64
64 Mbit, low voltage, Serial Flash memory
with 50 MHz SPI bus interface
Features
■
64 Mbit of Flash memory
■
2.7 V to 3.6 V single supply voltage
■
SPI bus compatible serial interface
■
50 MHz clock rate (maximum)
■
VPP = 9 V for Fast Program/Erase mode
(optional)
■
Page Program (up to 256 Bytes)
– in 1.4 ms (typical)
– in 0.35 ms (typical with VPP = 9 V)
■
Sector Erase (512 Kbit)
■
Bulk Erase (64 Mbit)
■
Electronic Signatures
– JEDEC standard two-Byte signature
(2017h)
– RES instruction, one-Byte, signature (16h),
for backward compatibility
■
Hardware Write Protection: protected area size
defined by three non-volatile bits (BP0, BP1
and BP2)
■
More than 100 000 Erase/Program cycles per
sector
■
More than 20-year data retention
■
Packages
– ECOPACK® (RoHS compliant)
VDFPN8 (ME)
8 × 6 mm (MLP8)
SO16 (MF)
300 mils width
www.st.com


Similar Part No. - M25P64-VMF6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P64-VMF6G STMICROELECTRONICS-M25P64-VMF6G Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
logo
Numonyx B.V
M25P64-VMF6G NUMONYX-M25P64-VMF6G Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
More results

Similar Description - M25P64-VMF6G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P64 STMICROELECTRONICS-M25P64 Datasheet
519Kb / 38P
64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
24-Feb-2005
M25P80 STMICROELECTRONICS-M25P80 Datasheet
563Kb / 41P
8 Mbit, Low Voltage, Serial Flash Memory With 40MHz SPI Bus Interface
05-Aug-2004
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
01-Oct-2004
M25P128 STMICROELECTRONICS-M25P128 Datasheet
303Kb / 41P
128 Mbit (Multilevel), Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
20-Jan-2006
M25P10-A STMICROELECTRONICS-M25P10-A_06 Datasheet
392Kb / 49P
1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
05-Jun-2006
logo
AMIC Technology
A25L40P AMICC-A25L40P Datasheet
473Kb / 38P
4 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
A25L16P AMICC-A25L16P_07 Datasheet
510Kb / 38P
16 Mbit, Low Voltage, Serial Flash Memory With 85MHz SPI Bus Interface
logo
Numonyx B.V
M25P20 NUMONYX-M25P20 Datasheet
962Kb / 50P
2 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
M25P64 NUMONYX-M25P64 Datasheet
942Kb / 50P
64 Mbit, low voltage, Serial Flash memory with 50 MHz SPI bus interface
M25P64-VMF6TPBA NUMONYX-M25P64-VMF6TPBA Datasheet
1Mb / 55P
64 Mbit, low voltage, Serial Flash memory with 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com