Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CE-150-3003 Datasheet(PDF) 1 Page - Integrated Power Designs Inc.

Part # CE-150-3003
Description  150 WATTS SINGLE/MULTI OUTPUT AC-DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IPDPOWER [Integrated Power Designs Inc.]
Direct Link  https://www.ipdpower.com/
Logo IPDPOWER - Integrated Power Designs Inc.

CE-150-3003 Datasheet(HTML) 1 Page - Integrated Power Designs Inc.

  CE-150-3003 Datasheet HTML 1Page - Integrated Power Designs Inc. CE-150-3003 Datasheet HTML 2Page - Integrated Power Designs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
150 WATTS
SINGLE/MULTI OUTPUT AC-DC
FEATURES:
CHASSIS/COVER
OPEN CHASSIS
SAFETY SPECIFICATIONS
Underwriters Laboratories
File E137708/E140259
UL 62368-1:2014, 2nd Edition
CAN/CSA-C22.2 No. 62368-1-14,2ndEdition
AAMI/ANSI ES60601-1:2005/(R) 2012
CAN/CSA-C22.2 No. 60601-1:2014
CB Reports/Certificates (including all
National and Group Deviations)
IEC 62368-1:2014, 2nd Edition
IEC 60601-1:2005/A1:2012
TUV SUD America
EN 62368-1:2014, 2nd Edition
EN 60601-1:2006/A1:2013
Low Voltage Directive
(2014/35/EU of February 2014)
RoHS Directive (Recast)
(2015/863/EU of March 2015)
Electrical Equipment (Safety) Regulations 2016 SI No. 1101
Restriction of the Use of Certain Hazardous Substances in EEE Regulations
2012 SI No. 3032 + 2019 SI No.492
MODEL LISTING
MODEL NO. OUTPUT 1
OUTPUT 2
OUTPUT 3
OUTPUT 4
CE-150-4001
+3.3V/15A
+5V/5A
+12V/2A
-12V/2A
CE-150-4002
+5V/15A
+3.3V/5A
+12V/2A
-12V/2A
CE-150-4003
+5V/15A
+3.3V/5A
+15V/2A
-15V/2A
CE-150-4004
+5V/15A
-5.2V/5A
+12V/2A
-12V/2A
CE-150-4005
+5V/15A
-5.2V/5A
+15V/2A
-15V/2A
CE-150-4006
+5V/15A
+12V/5A
+12V/2A
-12V/2A
CE-150-4007
+5V/15A
+12V/5A
+15V/2A
-15V/2A
CE-150-4008
+15V/5A
-15V/5A
24V/1A
24V/1A
CE-150-4009
+5V/15A
+12V/5A
+15V/2A
-12V/2A
CE-150-4011
+5V/15A
+12V/5A
-5V/1A
-12V/1A
CE-150-4101
+5V/15A
+24V/5A
+12V/2A
-12V/2A
CE-150-4102
+5V/15A
+24V/5A
+15V/2A
-15V/2A
CE-150-4103IT +5V/15A
+24V/5A(6ApK) +12V/2A
-12V/2A
CE-150-3001
+5V/15A
+12V/5A
-12V/2A
CE-150-3002
+5V/15A
+15V/5A
-15V/2A
CE-150-3003
+15V/5A
-15V/5A
+5V/2A
CE-150-3004
+5V/15A
+15V/5A
+36V/2.5A
CE-150-2001
+12V/7.5A
-12V/5A
CE-150-2002
+15V/5A
-15V/5A
CE-150-2003
+5V/15A
+12V/6A
CE-150-2101
+5V/15A
+24V/5A
CE-150-1001
3.3V/30A(18)
CE-150-1002
5V/30A(18)
CE-150-1003
12V/12.5A
CE-150-1004
15V/10A
CE-150-1005
24V/6.25A
CE-150-1006
28V/5.4A
CE-150-1007
48V/3.1A
ORDERING INFORMATION
Consult factory for alternate output configurations.
Consult factory for positive, negative or floating outputs.
Please specify the following optional features when ordering:
CO – Cover
OVP – Overvoltage Protection
PF – Power Fail
I/O – Isolated Outputs
TS – Terminal Strip
RE – Remote Inhibit
CE-150
OUTPUT SPECIFICATIONS
Total Output Power(1)
100W
Convection Cooled(16)
(See Derating Chart)
125W
Convection Cooled, w/1Sq. ft. Baseplate(17)
150W
300LFM Forced-Air Cooled(15)
Output Voltage Centering
Output 1:
 0.25% (All outputs at 50% load)
Output 2:
0.25% (X0XX), 3.0% (X1XX)
Output 3:
 2.0%
Output 4:
 2.0%
Output Voltage Adjust Range
Outputs 1 –2:
95-105% (X0XX)
Output 1:
95-105% (X1XX)
Output 1:
85-105% (1001, 4001)
Output 2:
85-105% (4002,4003)
Load Regulation
Output 1:
0.5%
(0-100% load change)
Output 2:
(XOXX)
0.5%
(0-100% load change)
(X1XX)
3.0%
(10-100% load change)
Output 3:
2.0%
(10-100% load change)
Output 4:
2.0%
(0-100% load change)
Source Regulation
Outputs 1 – 4:
0.5%
Cross Regulation
Output 2:
0.2%
(X0XX)
(Output 1 load varied 50-100%)
5.0%
(X1XX)
Output 3:
2.0%
(Output 1 load
Output 4:
2.0%
varied 50-100%)
Output Noise
Outputs 1 - 4:
1.0%
Turn on Overshoot
None
Transient Response
Outputs 1 – 4
Voltage Deviation
5.0%
Recovery Time
500
S
Load Change
50% to 100%
Output Overvoltage Protection
(Optional)
Output 1:
110% to 150%.
Shuts down all outputs. Cycle input
to restart.
Output Overpower Protection
165 W Min., Outputs 1 and 2,
Outputs cycle on/off, auto recovery
Output Overcurrent Protection
110% Min., Outputs 3 and 4
Hold Up Time
20mS min., 150W, 120V Input
Start Up Time
3 Seconds
INPUT SPECIFICATIONS
Protection Class
I
Source Voltage
85 – 264 Volts AC
Frequency Range
47 – 63 Hz
Source Current
True RMS
Peak Inrush
Peak Repetitive
Harmonic Distortion
3A at 85V Input
30A
4.25A at 85V Input
0.05
Efficiency
0.68-0.80(varies by model)
Power Factor
0.90 (150 W, 230V)
ENVIRONMENTAL SPECIFICATIONS
Ambient Operating
0
C to + 70C
Temperature Range
Derating: See Power Rating Chart
Ambient Storage Temp. Range
- 40
C to + 85C
Temperature Coefficient
Outputs 1 – 4:
0.02%/
C
Altitude
3,000m ASL – Operating
12,192m ASL – Non-Operating
GENERAL SPECIFICATIONS
Means of Protection
Primary to Secondary
2MOPP (Means of Patient Protection)
Primary to Ground
1MOPP (Means of Patient Protection)
Secondary to Ground
Operational Insulation(Consult factory for 1MOPP)
Dielectric Strength(8, 9)
Reinforced Insulation
5656 VDC, Primary to Secondary
Basic Insulation
2121 VDC, Primary to Ground
Operational Insulation
707 VDC, Secondary to Ground
Leakage Current
Earth Leakage
<300µA NC, <1000µA SFC
Touch Current
<100µA NC, <500µA SFC
Power Fail Signal(14)
(Optional)
Logic low with input power failure 10 ms
minimum prior to Output 1 dropping 1%
Remote Inhibit (optional)
Contact closure inhibits all outputs
Remote Sense(Single models)(10)
250mV compensation of output cable losses
Mean-Time Between Failures
150,000 Hours min., MIL-HDBK-217F, 25° C, GB
Weight
2.0 Lbs.
All specifications are maximum at 25°C/150W unless otherwise stated, may vary by model and
are subject to change without notice.
• Compact 4.0" x 7.0" x 1.75" Size
• 2 Year Warranty
• Universal 85-264V Input
• 1-4 Tightly-Regulated Outputs
• High Efficiency
• 0-70°C Operating Temperature
• RoHS Compliant
• IEC 60601-1 3rd ed. Medical Cert.
• IEC 62368-1 2nd ed. Certification
• IEC 60601-1-2 4th ed. EMC
• Class B Emissions per EN55011/32
• Optional Remote Inhibit/Enable
• Optional Power Fail Warning
• Optional Perforated Cover
INTEGRATED
POWER DESIGNS 300 Stewart Road ■ Wilkes-Barre, PA 18706 ■ Phone: (570) 824-4666 ■ Fax: (570) 824-4843 ■ Email: sales@ipdpower.com ■ Web: www.ipdpower.com


Similar Part No. - CE-150-3003

ManufacturerPart #DatasheetDescription
logo
AG Electronica
CE-150/200V-PANASONIC AGELECTRONICA-CE-150/200V-PANASONIC Datasheet
291Kb / 3P
CAPACITORES ELECTROLÍTICOS DE ALUMINIO CE-XX/YYV-PANASONIC
26/03/2019
CE-150/400V-NICHICON AGELECTRONICA-CE-150/400V-NICHICON Datasheet
330Kb / 3P
CAPACITORES ELECTROLITICOS DE ALUMINIO CE-XX/YYV-NICHICON
26/03/2019
CE-150/450V-TEAPO AGELECTRONICA-CE-150/450V-TEAPO Datasheet
439Kb / 7P
CAPACITORES ELECTROLÍTICOS DE ALUMINIO CE-XX/YYV-TEAPO
13/03/2019
CE-150/50V-TEAPO AGELECTRONICA-CE-150/50V-TEAPO Datasheet
439Kb / 7P
CAPACITORES ELECTROLÍTICOS DE ALUMINIO CE-XX/YYV-TEAPO
13/03/2019
CE-1500/10V-TEAPO AGELECTRONICA-CE-1500/10V-TEAPO Datasheet
439Kb / 7P
CAPACITORES ELECTROLÍTICOS DE ALUMINIO CE-XX/YYV-TEAPO
13/03/2019
More results

Similar Description - CE-150-3003

ManufacturerPart #DatasheetDescription
logo
Powerbox
C300 POWERBOX-C300 Datasheet
376Kb / 1P
150 WATTS (AC) DC/DC SINGLE OUTPUT
PUP150 POWERBOX-PUP150 Datasheet
435Kb / 2P
150 WATTS SINGLE OUTPUT AC/DC GENERAL
logo
Integrated Power Design...
CE-225 IPDPOWER-CE-225 Datasheet
375Kb / 2P
225 WATTS SINGLE/MULTI OUTPUT AC-DC
REV. Y 10/6/2022
DC2-150 IPDPOWER-DC2-150 Datasheet
371Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
DC4-150 IPDPOWER-DC4-150 Datasheet
383Kb / 2P
150 WATTS SINGLE/MULTI OUTPUT DC-DC
REV. V 10/06/2022
ELS-120 IPDPOWER-ELS-120 Datasheet
347Kb / 2P
120 WATTS SINGLE/MULTI OUTPUT AC-DC
Rev. X 10/06/2022
REL-110 IPDPOWER-REL-110 Datasheet
357Kb / 2P
110 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-150 IPDPOWER-REL-150 Datasheet
412Kb / 3P
150 WATTS SINGLE/MULTI OUTPUT AC-DC
REL-70 IPDPOWER-REL-70 Datasheet
365Kb / 2P
70 WATTS SINGLE/MULTI OUTPUT AC-DC
SRP-40A IPDPOWER-SRP-40A Datasheet
342Kb / 2P
40 WATTS SINGLE/MULTI OUTPUT AC-DC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com