Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1178 Datasheet(PDF) 2 Page - Micro Analog systems

Part # MAS1178
Description  IC FOR 10.00 - 20.00 MHz VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1178 Datasheet(HTML) 2 Page - Micro Analog systems

  MAS1178 Datasheet HTML 1Page - Micro Analog systems MAS1178 Datasheet HTML 2Page - Micro Analog systems MAS1178 Datasheet HTML 3Page - Micro Analog systems MAS1178 Datasheet HTML 4Page - Micro Analog systems MAS1178 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2 (5)
DA1178.006
13 July, 2006
PIN DESCRIPTION
Pin Description
Symbol
x-coordinate
y-coordinate
Power Supply Voltage
VDD
182
1317
Serial Bus Clock Input
CLK
645
1329
Serial Bus Data Input
DA
418
1329
Programming Input
PV
876
1311
Voltage Control Input
VC
215
213
Crystal Oscillator Output
X2
1053
209
Crystal/Varactor Oscillator Input
X1
434
209
Power Supply Ground
VSS
617
2267
Buffer Output
OUT
1218
1329
Note: Because the substrate of the die is internally connected to GND, the die has to be connected to GND or
left floating. Please make sure that GND is the first pad to be bonded. Pick-and-place and all component
assembly are recommended to be performed in ESD protected area.
Note: Pad coordinates are measured from the left bottom corner of the chip to the center of the pads. The
coordinates may vary depending on sawing width and location, however, distances between pads are accurate.
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Min
Max
Unit
Note
Supply Voltage
VDD - VSS
-0.3
6.0
V
Input Voltage
VIN
VSS -0.3
VDD + 0.3
V
1)
Power Dissipation
PMAX
100
mW
Operating Temperature
TOP
-35
85
oC
Storage Temperature
TST
-55
150
oC
Note 1: Not valid for programming pin PV
RECOMMENDED OPERATION CONDITIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VDD
2.7
2.8
5.5
V
Supply Current
Idd
Vdd = 2.8 Volt
2.3
mA
Operable Temperature
TC
-30
+85
oC
Storage Temperature
TS
Relative humidity =
15%…70%
-5
+40
oC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com