Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS1178 Datasheet(PDF) 3 Page - Micro Analog systems

Part # MAS1178
Description  IC FOR 10.00 - 20.00 MHz VCXO
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS1178 Datasheet(HTML) 3 Page - Micro Analog systems

  MAS1178 Datasheet HTML 1Page - Micro Analog systems MAS1178 Datasheet HTML 2Page - Micro Analog systems MAS1178 Datasheet HTML 3Page - Micro Analog systems MAS1178 Datasheet HTML 4Page - Micro Analog systems MAS1178 Datasheet HTML 5Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3 (5)
DA1178.006
13 July, 2006
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min
Typ
Max
Unit
Note
Frequency Range
fo
10.00
20.00
MHz
Voltage Control Range
VC
0
Vdd
Voltage Control Sensitivity
VCSENS
30
ppm/V
1)
Output Voltage (10 pF, Vdd 2.7V)
Vout
2.3
Vpp
Output Voltage (10 pF, Vdd 5.0V)
Vout
4.5
Vpp
Rise and Fall Time (10-50pF)
10
ns
Output Symmetry
40-60
%
Trimming CDAC (6 Bit)
CX1
C20
C20 + 12
pF
2)
Startup Time
TSTART
2
ms
Note 1: Vc sense is depending on the crystal used.
Note 2: Typ. C20 = 5 pF
IC OUTLINES
Note 1: MAS1178 pads are round with 80 µm diameter at opening.
Note 2: Pins PV, CLK and DA must not be connected in VCXO module end-user application.
VDD
OUT
X2
VSS
X1
VC
DA
CLK
PV
MAS1178
1430 µm
Die map reference



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com