Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180 Datasheet(PDF) 7 Page - Micro Analog systems

Part # MAS6180
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180 Datasheet(HTML) 7 Page - Micro Analog systems

  MAS6180 Datasheet HTML 1Page - Micro Analog systems MAS6180 Datasheet HTML 2Page - Micro Analog systems MAS6180 Datasheet HTML 3Page - Micro Analog systems MAS6180 Datasheet HTML 4Page - Micro Analog systems MAS6180 Datasheet HTML 5Page - Micro Analog systems MAS6180 Datasheet HTML 6Page - Micro Analog systems MAS6180 Datasheet HTML 7Page - Micro Analog systems MAS6180 Datasheet HTML 8Page - Micro Analog systems MAS6180 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7 (9)
DA6180.001
27 December, 2006
TYPICAL APPLICATION (Continued)
Note 2: AGC Capacitor
The AGC and DEC capacitors must have low leakage currents due to very small signal currents through the
capacitors. The insulation resistance of these capacitors should be at minimum 100 MΩ. Also probes with at
least few 100 MΩ impedance should be used for voltage probing of the AGC and DEC pins. Electrolytic AGC
capacitor should have voltage rating at least 25 V for low enough leakage. DEC capacitor can be low leakage
chip capacitor.
Both the AGC and DEC capacitors can be connected either to VDD or to VSS. To minimize leakage currents
during power down the AGC and DEC capacitors are best to be connected to VDD since in power down the AGC
and DEC pins go to VDD voltage potential. In this case the positive polarity pin of electrolyte capacitor should be
connected to VDD. If the capacitors are connected to VSS then the negative polarity pin of electrolyte capacitor
should be connected to VSS.
Note 3: Power Down / Fast Startup Control
Both power down and fast startup are controlled using the PDN pin. The device is in power down (turned off) if
PDN = VDD and in power up (turned on) if PDN = VSS. Fast startup is triggered automatically by the falling edge
of PDN signal, i.e., controlling device from power down to power up. The VDD must be high before falling edge of
PDN to guarantee proper operation of fast startup circuitry. Before power up the device should have been kept in
power down state at least 50ms. This guarantees that the AGC capacitor voltage has been completely pulled to
VDD during power down. The startup time without proper fast startup control can be several minutes but with fast
startup it is shortened typically to few seconds.
Note 4: Optional Control for AGC On/Hold
AON control pin has internal pull up which turns AGC circuit on all the time if AON pin is left unconnected.
Optionally AON control can be used to hold and release AGC circuit. Stepper motor drive of analog clock or
watch can produce disturbing amount of noise which can shift the input amplifier gain to unoptimal level. This can
be avoided by controlling AGC hold (AON=VSS) during stepper motor drive periods and releasing AGC
(AON=VDD) when motors are not driven. The AGC should be in hold only during disturbances and kept on other
time released since due to leakage the AGC can change slowly when in hold.
Note 5: Ferrite Antenna
The ferrite antenna converts the transmitted radio wave into a voltage signal. It has an important role in
determining receiver performance. Recommended antenna impedance at resonance is around 150 kΩ.
Low antenna impedance corresponds to low noise but often also to small signal amplitude. On the other hand
high antenna impedance corresponds to high noise but also large signal. The optimum performance where
signal-to-noise ratio is at maximum is achieved in between.
The antenna should have also some selectivity for rejecting near signal band disturbances. This is determined by
the antenna quality factor which should be approximately 100. Much higher quality factor antennas suffer from
extensive tuning accuracy requirements and possible tuning drifts by the temperature.
Antenna impedance can be calculated using equation 1 where f0, L, Qant and C are resonance frequency, coil
inductance, antenna quality factor and antenna tuning capacitor respectively. Antenna quality factor Qant is
defined by ratio of resonance frequency f0 and antenna bandwidth B (equation 2).
C
B
C
f
Q
Q
L
f
R
antenna
antenna
antenna
⋅
⋅
=
⋅
⋅
=
⋅
⋅
⋅
=
π
π
π
2
1
2
2
0
0
Equation 1.
B
f
Q
antenna
0
=
Equation 2.
Table 4 below presents some antenna manufacturers for time signal application.
Table 4. Antenna Manufacturers and Antenna Types in Alphaphetical Order for Time Signal Application
Manufacturer
Antenna Type
Dimensions
Web Link
HR Electronic GmbH
60716 (60kHz)
60708 (77.5kHz)
ø 10 x 60 mm
http://www.hrelectronic.com/
Sumida
ACL80A/B (40kHz, 60kHz)
ACL27 (40kHz, 60kHz)
ø 14 x 83 mm
6 x 7.3 x 28 mm
www.sumida.co.jp/jeita/XJA021.pdf



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com