Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180 Datasheet(PDF) 8 Page - Micro Analog systems

Part # MAS6180
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180 Datasheet(HTML) 8 Page - Micro Analog systems

  MAS6180 Datasheet HTML 1Page - Micro Analog systems MAS6180 Datasheet HTML 2Page - Micro Analog systems MAS6180 Datasheet HTML 3Page - Micro Analog systems MAS6180 Datasheet HTML 4Page - Micro Analog systems MAS6180 Datasheet HTML 5Page - Micro Analog systems MAS6180 Datasheet HTML 6Page - Micro Analog systems MAS6180 Datasheet HTML 7Page - Micro Analog systems MAS6180 Datasheet HTML 8Page - Micro Analog systems MAS6180 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8 (9)
DA6180.001
27 December, 2006
MAS6180 SAMPLES IN SBDIL 20 PACKAGE
Top Marking Definitions:
YYWW = Year Week
XXXXX.X = Lot Number
ZZ =Sample Version
1
VDD 2
3
QOP 4
QOM
5
6
QI
7
AGC 8
9
OUT 10
20 VSS
19
18 RFIM
17 RFIP
16
15
14 PDN
13 AON
12 DEC
11
PIN DESCRIPTION
Pin Name
Pin
Type
Function
Note
1
NC
VDD
2
P
Positive Power Supply
3
NC
QOP
4
AO
Positive Quartz Filter Output for Crystal
QOM
5
NC
Negative Quartz Filter Output for External
Compensation Capacitor or Second Crystal
1
6
NC
2
QI
7
AI
Quartz Filter Input for Crystal and External
Compensation Capacitor
AGC
8
AO
AGC Capacitor
9
NC
OUT
10
DO
Receiver Output
3
11
NC
DEC
12
AO
Demodulator Capacitor
AON
13
DI
AGC On Control
4
PDN
14
DI
Power Down Input
5
15
NC
16
NC
RFIP
17
AI
Positive Receiver Input
6
RFIM
18
AI
Negative Receiver Input
6
19
NC
VSS
20
G
Power Supply Ground
A = Analog, D = Digital, P = Power, G = Ground, I = Input, O = Output, NC = Not Connected
Notes:
1) External crystal compensation capacitor pin QOM is connected only in MAS6180A5 version. It is left
unconnected in MAS6180A1 and A2 versions which have internal compensation capacitor.
2) Pin 6 between QOM and QI must be connected to VSS to eliminate DIL package lead frame parasitic
capacitances disturbing the crystal filter performance. All other NC (Not Connected) type pins are also
recommended to be connected to VSS to minimize noise coupling.
3) OUT = VSS when carrier amplitude at maximum; OUT = VDD when carrier amplitude is reduced (modulated)
-
the output is a current source/sink with |IOUT| > 5 µA
-
at power down the output is pulled to VSS (pull down switch)
4) AON = VSS means AGC off (hold current gain level); AON = VDD means AGC on (working)
-
Internal pull-up with current < 1 µA which is switched off at power down
5) PDN = VSS means receiver on; PDN = VDD means receiver off
-
Fast start-up is triggered when the receiver is after power down (PDN=VDD) controlled to power up
(PDN=VSS) i.e. at the falling edge of PDN signal.
6) Receiver inputs RFIP and RFIM have both 600 kΩ biasing resistors towards VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com