Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180A2 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6180A2
Description  AM Receiver IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6180A2 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6180A2 Datasheet HTML 1Page - Micro Analog systems MAS6180A2 Datasheet HTML 2Page - Micro Analog systems MAS6180A2 Datasheet HTML 3Page - Micro Analog systems MAS6180A2 Datasheet HTML 4Page - Micro Analog systems MAS6180A2 Datasheet HTML 5Page - Micro Analog systems MAS6180A2 Datasheet HTML 6Page - Micro Analog systems MAS6180A2 Datasheet HTML 7Page - Micro Analog systems MAS6180A2 Datasheet HTML 8Page - Micro Analog systems MAS6180A2 Datasheet HTML 9Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4 (9)
DA6180.001
27 December, 2006
TYPICAL APPLICATION
1.4 V
Receiver
Output
C
AGC
10 µ
µ
µ
µ
F
C
DEC
47 nF
Note 2
Note 1
Ferrite
Antenna
Note 4
Optional
Control
for AGC on/hold
Note 3
Power Down /
Fast Startup
Control
MAS6180A1, A2
Note 5
VDD
VDD
VDD
VDD
GND
AGC
DEC
+
C
AGC
10 µ
µ
µ
µ
F
C
DEC
47 nF
Note 2
OR
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIP
RFIM
VDD
VSS
PDN
AGC
DEC
OUT
QOP
QI
QOM
AON
VDD
VDD
Figure 1. Application circuit of internal compensation capacitance option version MAS6180A1 and A2.
Receiver
Output
C
AGC
10 µ
µ
µ
µ
F
C
DEC
47 nF
Note 1
C
C_EXT=C0
Note 4
Optional
Control
for AGC on/hold
Note 3
Power Down /
Fast Startup
Control
AGC
DEC
+
C
AGC
10 µ
µ
µ
µ
F
C
DEC
47 nF
Note 2
OR
Note 2
VDD
VDD
VDD
AGC Amplifier
Power Supply/Biasing
Demodulator
&
Comparator
RFIP
RFIM
VDD
VSS
PDN
AGC
DEC
OUT
QOP
QI
QOM
AON
VDD
VDD
1.4 V
Ferrite
Antenna
MAS6180A5
Note 5
VDD
GND
Figure 2. Application circuit of external compensation capacitance option version MAS6180A5.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com