Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6180A2 Datasheet (PDF) - Micro Analog systems

MAS6180A2 Datasheet PDF - Micro Analog systems
Part # MAS6180A2
Download  MAS6180A2 Download
File Size   128.01 Kbytes
Page   9 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description AM Receiver IC

MAS6180A2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS6180A2 Datasheet PDF - Micro Analog systems

Part # MAS6180A2
Download  MAS6180A2 Click to download

File Size   128.01 Kbytes
Page   9 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description AM Receiver IC

MAS6180A2 Datasheet (HTML) - Micro Analog systems


MAS6180A2 Product details

DESCRIPTION

The MAS6180 AM-Receiver chip is a highly sensitive, simple to use AM receiver specially intended to receive time signals in the frequency range from 40 kHz to 100 kHz. Only a few external components are required for time signal receiver. The circuit has preamplifier,wide range automatic gain control, demodulator and output comparator  built  in.  The  output  signal  can  be processed  directly  by  an  additional  digital  circuitry  to extract the data from the received signal. The control for AGC (automatic gain control) can be used to switch AGC on or off if necessary.

MAS6180  has  options  for  compensating  shunt capacitances  of  different  crystals  (See  ordering information on page 9).



•  Single Band Receiver IC

•  High Sensitivity

•  Very Low Power Consumption

•  Wide Supply Voltage Range

•  Power Down Control

•  Control for AGC On

•  High Selectivity by Crystal Filter

•  Fast Startup Feature



FEATURES    

• Single Band Receiver IC

• Highly Sensitive AM Receiver, 0.4 µVRMS typ.

• Wide Supply Voltage Range from 1.1 V to 3.6 V

• Very Low Power Consumption

• Power Down Control

• Fast Startup

• Only a Few External Components Necessary

• Control for AGC On

• Wide Frequency Range from 40 kHz to 100 kHz

• High Selectivity by Quartz Crystal Filter

• Crystal Compensation Capacitance Options

• Differential Input



APPLICATIONS

• Single Band Time Signal Receiver WWVB (USA), JJY (Japan), DCF77 (Germany), MSF (UK), HGB

(Switzerland) and BPC (China)




Similar Part No. - MAS6180A2

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
307Kb / 13P
AM Receiver IC
MAS6180B1TC00 MAS-MAS6180B1TC00 Datasheet
307Kb / 13P
AM Receiver IC
MAS6180B1UC06 MAS-MAS6180B1UC06 Datasheet
307Kb / 13P
AM Receiver IC
MAS6180B5TC00 MAS-MAS6180B5TC00 Datasheet
307Kb / 13P
AM Receiver IC
More results


Similar Description - MAS6180A2

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
MAS6179 MAS-MAS6179 Datasheet
130Kb / 10P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
AM Receiver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com