Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6179 Datasheet (PDF) - Micro Analog systems

MAS6179 Datasheet PDF - Micro Analog systems
Part # MAS6179
Download  MAS6179 Download
File Size   130.07 Kbytes
Page   10 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description AM Receiver IC

MAS6179 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS6179 Datasheet PDF - Micro Analog systems

Part # MAS6179
Download  MAS6179 Click to download

File Size   130.07 Kbytes
Page   10 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description AM Receiver IC

MAS6179 Datasheet (HTML) - Micro Analog systems


MAS6179 Product details

DESCRIPTION

The MAS6179 AM-Receiver chip is a highly sensitive, simple to use AM receiver specially intended to receive time signals in the frequency range from 40 kHz to 100 kHz. Only a few external components are required for time signal receiving. The circuit has preamplifier, wide range automatic gain control, demodulator and output comparator built in. The output signal can be processed directly by an additional digital circuitry to extract the data from the received signal. The control for AGC (automatic gain control) can be used to switch AGC on or off if necessary. MAS6179 supports up to three frequency band operation by switching between three crystal filters and two additional antenna tuning capacitors.



• Tri Band Receiver IC

• High Sensitivity

• Very Low Power Consumption

• Wide Supply Voltage Range

• Power Down Control

• Control for AGC On

• High Selectivity by Crystal Filter

• Fast Startup Feature



FEATURES

• Tri Band Receiver IC

• Highly Sensitive AM Receiver, 0.4 µVRMS typ.

• Wide Supply Voltage Range from 1.1 V to 3.6 V

• Very Low Power Consumption

• Power Down Control

• Fast Startup

• Only a Few External Components Necessary

• Control for AGC On

• Wide Frequency Range from 40 kHz to 100 kHz

• High Selectivity by Quartz Crystal Filter

• Differential Input



APPLICATIONS

• Multi Band Time Signal Receiver WWVB (USA), JJY (Japan), DCF77 (Germany), MSF (UK), HBG (Switzerland) and BPC (China)



 




Similar Part No. - MAS6179

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
Stereo Digital Volume Control
MAS6116 MAS-MAS6116 Datasheet
994Kb / 20P
Stereo Digital Volume Control
MAS6116AA1SA306 MAS-MAS6116AA1SA306 Datasheet
208Kb / 18P
Stereo Digital Volume Control
MAS6116AA1SA308 MAS-MAS6116AA1SA308 Datasheet
208Kb / 18P
Stereo Digital Volume Control
MAS6116EA1SA306 MAS-MAS6116EA1SA306 Datasheet
994Kb / 20P
Stereo Digital Volume Control
More results


Similar Description - MAS6179

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9078 MAS-MAS9078 Datasheet
208Kb / 10P
AM Receiver IC
MAS9079 MAS-MAS9079 Datasheet
163Kb / 9P
AM Receiver IC
MAS1017 MAS-MAS1017 Datasheet
151Kb / 6P
AM Receiver IC
MAS6180 MAS-MAS6180 Datasheet
128Kb / 9P
AM Receiver IC
MAS9179 MAS-MAS9179 Datasheet
164Kb / 9P
AM Receiver IC
MAS6180B MAS-MAS6180B Datasheet
327Kb / 14P
AM Receiver IC
MAS6181B MAS-MAS6181B Datasheet
225Kb / 15P
AM Receiver IC
MAS6181B MAS-MAS6181B_14 Datasheet
214Kb / 14P
AM Receiver IC
MAS6180C MAS-MAS6180C_14 Datasheet
279Kb / 12P
AM Receiver IC
MAS6180B MAS-MAS6180B_14 Datasheet
307Kb / 13P
AM Receiver IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com