Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet (PDF) - Micro Analog systems

MAS6116 Datasheet PDF - Micro Analog systems
Part # MAS6116
Download  MAS6116 Download
File Size   208.72 Kbytes
Page   18 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description Stereo Digital Volume Control

MAS6116 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS6116 Datasheet PDF - Micro Analog systems

Part # MAS6116
Download  MAS6116 Click to download

File Size   208.72 Kbytes
Page   18 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description Stereo Digital Volume Control

MAS6116 Datasheet (HTML) - Micro Analog systems


MAS6116 Product details

DESCRIPTION

MAS6116  is  a  stereo  volume  control  for  audio systems, which require high output voltages (AC3).

It  has  serial  interface,  which  controls  two  audio channels.  Simple  serial  interface  allows microcontroller to control many MAS6116 chips on the  same  PCB  board.  “Clicking”  between  gain changes  is  eliminated  by  changing  gain  only  when zero crossing has been detected in the input signal.



FEATURES      

• Signal Voltage up to ± 18V

• Two Independent Channels

• Use of Differential DACs Possible

• Serial Control Registers

• Zero Cross Detection for Gain Changes

• Gain Range +15.5db…-111.5dB

• 0.5 dB Gain Step Size

• Mute Pin

• Power On/Off Transient Suppression

• Signal Peak Level Comparator with Adjustable Reference

• Independent Writing to Both Channels

• Instant Gain Change Function for Fast Gain Switching

• XMUTE Using the Zero Cross and Timeout Functions

• Write Operation Status Register



 APPLICATION

• High End Audio Systems

• Multi-channel Audio Systems 




Similar Part No. - MAS6116

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
994Kb / 20P
Stereo Digital Volume Control
MAS6116EA1SA306 MAS-MAS6116EA1SA306 Datasheet
994Kb / 20P
Stereo Digital Volume Control
MAS6116EA1SA308 MAS-MAS6116EA1SA308 Datasheet
994Kb / 20P
Stereo Digital Volume Control
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
Stereo Digital Volume Control
More results


Similar Description - MAS6116

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com