Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9116 Datasheet (PDF) - Micro Analog systems

MAS9116 Datasheet PDF - Micro Analog systems
Part # MAS9116
Download  MAS9116 Download
File Size   1432.72 Kbytes
Page   18 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description Stereo Digital Volume Control

MAS9116 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAS9116 Datasheet PDF - Micro Analog systems

Part # MAS9116
Download  MAS9116 Click to download

File Size   1432.72 Kbytes
Page   18 Pages
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems
Description Stereo Digital Volume Control

MAS9116 Datasheet (HTML) - Micro Analog systems


MAS9116 Product details

DESCRIPTION
MAS9116 is a stereo volume control for audio systems, which require high output voltages (AC3). It has a 16-bit serial interface, which controls two audio channels. Simple serial interface allows microcontroller to control many MAS9116 chips on the same PCB board. “Clicking” between gain changes is eliminated by changing gain only when zero crossing has been detected from the signal. The use of external operational amplifier provides flexibility for the operating voltage, signal swing, noise floor and cost optimization.

FEATURES
• Zero Detection for Gain Changes
• Gain Range +15.5db…-111.5dB
• 0.5 dB Step Size
• Mute Pin and Register
• Power On/Off Transient Suppression
• Signal Peak Level Comparator with Adjustable Reference

APPLICATION
• High End Audio Systems
• Multichannel Audio Systems




Similar Part No. - MAS9116

ManufacturerPart #DatasheetDescription
logo
Micro Analog systems
MAS9118 MAS-MAS9118 Datasheet
56Kb / 4P
Evaluation Kit
More results


Similar Description - MAS9116

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com