Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8816 Datasheet (PDF) - Wolfson Microelectronics plc

WM8816 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8816
Download  WM8816 Download
File Size   368.13 Kbytes
Page   12 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Stereo Digital Volume Control

WM8816 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8816 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8816
Download  WM8816 Click to download

File Size   368.13 Kbytes
Page   12 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Stereo Digital Volume Control

WM8816 Datasheet (HTML) - Wolfson Microelectronics plc


WM8816 Product details

DESCRIPTION

The  WM8816  is  a  highly  linear  stereo  volume  control  for audio systems. The design is based on resistor chains with external  op-amps,  which  provides  flexibility  for  the  supply voltage, signal swing, noise floor and cost optimisation. The gain  of  each  channel  can  be  independently  programmed from  -111.5dB  to  +15.5dB  through  a  digital  serial  control interface.



FEATURES

• Gain range from -111.5dB to +15.5dB

• 0.5dB Gain step size

• Total Harmonic Distortion 0.001% (100dB) typical

• Crosstalk -110dB typical

• Input signals up to ±18V

• Zero Detection for Gain Changes

• Hardware and Software Mute

• Power On/Off Transient Suppression



APPLICATIONS

• Audio Amplifiers

• Consumer Audio / Entertainment Systems

• Mixing Desks

• Audio Recording Equipment




Similar Part No. - WM8816

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
163Kb / 13P
Stereo Digital Volume Control
WM8816-MICRO-EV1M WOLFSON-WM8816-MICRO-EV1M Datasheet
207Kb / 12P
Micro-Controller Board User Handbook
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
Stereo Digital Volume Control
More results


Similar Description - WM8816

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS3310 CIRRUS-CS3310 Datasheet
224Kb / 18P
Stereo Digital Volume Control
FEB 99
logo
Micro Analog systems
MAS9116 MAS-MAS9116 Datasheet
1Mb / 18P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
Stereo Audio Volume Control
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816_04 Datasheet
163Kb / 13P
Stereo Digital Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116 Datasheet
208Kb / 18P
Stereo Digital Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
Stereo Audio Volume Control
logo
Micro Analog systems
MAS6116 MAS-MAS6116_17 Datasheet
994Kb / 20P
Stereo Digital Volume Control
logo
Shenzhenshi YONGFUKANG ...
CP4811 YONGFUKANG-CP4811 Datasheet
202Kb / 7P
Digital volume control stereo headphone amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com