Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9116 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS9116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS9116 Datasheet HTML 1Page - Micro Analog systems MAS9116 Datasheet HTML 2Page - Micro Analog systems MAS9116 Datasheet HTML 3Page - Micro Analog systems MAS9116 Datasheet HTML 4Page - Micro Analog systems MAS9116 Datasheet HTML 5Page - Micro Analog systems MAS9116 Datasheet HTML 6Page - Micro Analog systems MAS9116 Datasheet HTML 7Page - Micro Analog systems MAS9116 Datasheet HTML 8Page - Micro Analog systems MAS9116 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4 (18)
DA9116.005
22 November, 2005
GENERAL DESCRIPTION
Peak Level Detection
MAS9116 has an 8-bit digital-to-analog converter
(DAC) used for monitoring the peak level of the
signal. The reference value is programmed via the
serial interface. The reference value VREF is
calculated from VREF=(0.16+0.0133*CODE)*VDD,
where CODE is decimal value of the control byte
(0..255) and VDD is MAS9116 supply voltage value.
With nominal 5 V supply voltage the reference value
is VREF=0.8V+66.5mV*CODE. When positive peak
signal level at output exceeds this value, comparator
signal sets bits 0 and 1 of the status register. The
register contents stay high until the peak register
has been read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com