Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9116 Datasheet(PDF) 11 Page - Micro Analog systems

Part # MAS9116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS9116 Datasheet(HTML) 11 Page - Micro Analog systems

Back Button MAS9116 Datasheet HTML 7Page - Micro Analog systems MAS9116 Datasheet HTML 8Page - Micro Analog systems MAS9116 Datasheet HTML 9Page - Micro Analog systems MAS9116 Datasheet HTML 10Page - Micro Analog systems MAS9116 Datasheet HTML 11Page - Micro Analog systems MAS9116 Datasheet HTML 12Page - Micro Analog systems MAS9116 Datasheet HTML 13Page - Micro Analog systems MAS9116 Datasheet HTML 14Page - Micro Analog systems MAS9116 Datasheet HTML 15Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11 (18)
DA9116.005
22 November, 2005
Serial Interface Timing
APPLICATION INFORMATION
Power supply connection and decoupling
To get the best performance of the chip all digital
activities should be avoided during analog signal
processing.
Important: Analog (AVDD) and digital (DVDD)
supply voltage pins should be always connected
directly together to keep them in the same voltage
potential. No resistor is allowed in connection
between AVDD and DVDD (see supply voltage
connection circuit in the Application Note 1 on the
next page). Otherwise possible voltage difference
could trigger latch-up phenomenom which can
damage the device. Due to the same reason also
the digital control input voltages should not exceed
supply and ground voltages as specified in absolute
maximum rating specifications on page 6. These
requirements are valid also during the startup when
supply voltages are applied.
Low noise supply voltages should be used for high
quality audio. Supply decoupling capacitors must be
located as close to MAS9116 as possible.
Opamp produced output offset voltage
Opamp non-idealities in input offset voltage and in
input bias current both produce offset voltage to the
output. Since this offset voltage is gain dependent
the gain change step can produce dc voltage steps
to
the
output.
To
achieve
the
best
audio
performance it is recommended to use opamps
which have both low input offset voltage and low
input
bias
current
characteristics.
Burr-Brown
OP277 has excellent offset and bias and no
trimming is needed. Also Analog Devices OP1177
and AD8610 offer very good offset performance.
See table below for these and other recommended
op-amps.
Manufacturer
Part Number
Typical Output Offset at
Maximum Gain (mV)
Analog Devices
OP275
8.5
Analog Devices
OP1177
0.51
Analog Devices
AD8610
1.49
Texas Instruments (BurrBrown)
OP277
0.23
Linear
LT1793
18.5
On-Semi, ST Microelectronics
MC33078
28.4
1
2
3
4
5
6
7
8
7
6
5
4
3
2
1
0
0
7
6
5
4
3
2
1
7
6
5
4
3
2
1
0
TWHC TWLC
TRC
TFC
TSSLCH
THCSH
TSDCH
THCHD
TDCLD
TDSZ
THLCHS
TSSHCH
CCLK
DATA
(IN)
DATA
(OUT)
9
10
11
12
13
14
15
16
XCS
ADDRESS BYTE
DATA BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com