Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 9 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 9 Page - Micro Analog systems

Back Button MAS6116 Datasheet HTML 5Page - Micro Analog systems MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems MAS6116 Datasheet HTML 10Page - Micro Analog systems MAS6116 Datasheet HTML 11Page - Micro Analog systems MAS6116 Datasheet HTML 12Page - Micro Analog systems MAS6116 Datasheet HTML 13Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9 (18)
DA6116.001
27 February, 2009
ABSOLUTE MAXIMUM RATINGS
All voltages with respect to ground.
Parameter
Symbol
Conditions
Min
Max
Unit
Signal Voltage
RIN, RFO, LIN, LFO
-20
+20
V
Positive Supply Voltage
AVCC, DVCC
-0.5
+6.0
V
All other pins
DATA, CLK, XCS,
XMUTE
Note 3.
-0.3
AVCC
+0.3
V
Storage Temperature
TS
-55
+125
oC
Operating Temperature
TA
-40
+95
oC
ESD (HBM) pins 3, 4, 13 and 14
200
V
ESD (HBM) all other pins
2000
V
Note 3. Pin voltage must not exceed +6V under any circumstances.
Stresses beyond those listed may cause permanent damage to the device. The device may not operate under these conditions, but it will not
be destroyed.
RECOMMENDED OPERATION CONDITIONS
(AVCC=+5.0 V, AGND=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Signal Voltage
RIN, RFO, LIN,
LFO
-18
+18
V
Positive Supply Voltage
AVCC,DVCC
4.5
5
5.5
V
Negative Supply Voltage
AGND,DGND
0
V
Signal Grounds
LGND,RGND
0
V
Operating Temperature
TA
-30
+25
+85
oC
ANALOG CHARACTERISTICS
N Analog Inputs/Outputs
(AVCC=+5.0 V, AGND=0 V, TA=+25
oC unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input impedance
RIN
Average impedance, note 4
7
10
13
k
Input capacitance
CIN
For any gain value
2
pF
Input offset voltage
VIH
External OpAmp,
Gain = 15.5 dB
Note 5
0.23
mV
Supply current
Supply current
IVCC
IGND
From AVCC
From AGND
0.6
2.2
mA
mA
Power supply
rejection ratio
1
PSRR
From AVCC
80
dB
Note 4. Average input impedance is calculated as an average of the impedance measured for all gain values.
Note 5. Output offset voltage depends on external opamp and selected gain. Low input offset voltage and input bias current opamp is
recommended to be used for minimum output offset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com