Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS6116 Datasheet(PDF) 4 Page - Micro Analog systems

Part # MAS6116
Description  Stereo Digital Volume Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAS [Micro Analog systems]
Direct Link  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6116 Datasheet(HTML) 4 Page - Micro Analog systems

  MAS6116 Datasheet HTML 1Page - Micro Analog systems MAS6116 Datasheet HTML 2Page - Micro Analog systems MAS6116 Datasheet HTML 3Page - Micro Analog systems MAS6116 Datasheet HTML 4Page - Micro Analog systems MAS6116 Datasheet HTML 5Page - Micro Analog systems MAS6116 Datasheet HTML 6Page - Micro Analog systems MAS6116 Datasheet HTML 7Page - Micro Analog systems MAS6116 Datasheet HTML 8Page - Micro Analog systems MAS6116 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4 (18)
DA6116.001
27 February, 2009
GENERAL DESCRIPTION
Main features
MAS6116 is a stereo digital volume control designed for audio systems. The levels of the left and right analog
channels are set by the serial interface. Both channels can be programmed independently. The channel gains can
be programmed from -111.5 dB to +15.5 dB with 0.5 dB resolution. The code for -112 dB (00HEX) activates mute
for maximum attenuation. MAS6116 operates from single +5V supply and accepts analog input signal levels up to
±18V.
MAS6116 has a zero cross detect function that changes the channel gain only when a zero crossing has been
detected in the input signal. This eliminates clicking sounds from the output signal when the gain is changed. The
zero cross detection circuit is also equipped with a timeout function to make sure the gain value is updated even
when there is no input signal.
Channel gains can also be changed instantly without using the zero cross detect function. This can be done with
dedicated instant gain change commands specified in Register Description on page 7. Using this feature to
change channel gains in large increments is not recommended because it may cause large transients in the
output signal. See chapter Changing the gain of the channels and chapter Write operation status register for
further details.
The XMUTE pin in MAS6116 always uses the zero cross detection and timeout functions when entering to or
returning from the MUTE state. This prevents fast transients from occurring in the output signal.
Serial interface
Control information is written into or read back from the internal register via the serial control port. Serial control
port consists of a bi-directional pin for data (DATA), chip select pin (XCS) and control clock (CCLK) and supports
the serial communication protocol. All control instructions require two bytes of data.
To shift the data in CCLK must be pulsed 16 times when XCS is low. The data is shifted into the serial input
register on the rising edges of CCLK pulses. The first 8 bits contain address information. The second byte
contains the control word. XCS must return to high after the second byte. That is, after the 16th CCLK XCS must
be returned to high. See chapter Serial interface timing diagram on page 12.
The same process takes place for reading the information. XCS will remain low for next 16 CCLK pulses. The
data is shifted out on the falling edges of CCLK. When XCS is high, the DATA pin is in high impedance state,
which enables DATA pins of other devices to be connected together.
On the PCB board the same DATA and CCLK lines can be routed to every MAS6116 chip. If the XCS-pin is not
active (low), DATA pin of that chip is in high-impedance state. This allows using a simple PCB board for multi-
channel audio systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com